Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TIP675-SW-82 Datasheet (PDF) - TEWS Technologies GmbH

TIP675-SW-82 Datasheet PDF - TEWS Technologies GmbH
Part # TIP675-SW-82
Download  TIP675-SW-82 Download
File Size   263.37 Kbytes
Page   2 Pages
Manufacturer  TEWS [TEWS Technologies GmbH]
Direct Link  https://www.tews.com/
Logo TEWS - TEWS Technologies GmbH
Description 48 TTL I/O Lines with Interrupts

TIP675-SW-82 Datasheet (PDF)

Go To PDF Page Download Datasheet
TIP675-SW-82 Datasheet PDF - TEWS Technologies GmbH

Part # TIP675-SW-82
Download  TIP675-SW-82 Click to download

File Size   263.37 Kbytes
Page   2 Pages
Manufacturer  TEWS [TEWS Technologies GmbH]
Direct Link  https://www.tews.com/
Logo TEWS - TEWS Technologies GmbH
Description 48 TTL I/O Lines with Interrupts

TIP675-SW-82 Datasheet (HTML) - TEWS Technologies GmbH


TIP675-SW-82 Product details

Application Information
The TIP675 is an IndustryPack® compatible module providing 48 digital TTL tri-state I/O lines with pull up resistors. Each of the 48 I/O lines is ESD protected and protected against overvoltage.
The line inputs are always enabled, allows determining the state of the I/O line at any time. This can be used as read back function for lines configured as outputs.
All 48 input lines can generate an interrupt. Each input interrupt can individually be enabled and cleared. Interrupts for negative and positive transitions could be used together with separate interrupt pending registers.
All interrupt inputs have an electronic debounce circuit to prevent short spikes on input lines to cause an IP interrupt.
Optional the I/O lines can be configured for simultaneous update internally and across several IP’s by an external clock source. The polarity of the external clock source is programmable.
6 resistor networks mounted in sockets are used to pull the tri-state I/O lines to a logic high value. The resistor networks can be removed or changed in value.
After power-on or reset all I/O lines are configured as input and all pending interrupts are cleared.
Software Support (TIP675-SW-xx) is available for different operating systems.




Similar Part No. - TIP675-SW-82

ManufacturerPart #DatasheetDescription
logo
TEWS Technologies GmbH
TIP670 TEWS-TIP670 Datasheet
274Kb / 2P
8 (4) Digital Inputs, 8 (4) Digital Outputs
2017-08-24
TIP670-10R TEWS-TIP670-10R Datasheet
274Kb / 2P
8 (4) Digital Inputs, 8 (4) Digital Outputs
2017-08-24
TIP670-20R TEWS-TIP670-20R Datasheet
274Kb / 2P
8 (4) Digital Inputs, 8 (4) Digital Outputs
2017-08-24
TIP670-DOC TEWS-TIP670-DOC Datasheet
274Kb / 2P
8 (4) Digital Inputs, 8 (4) Digital Outputs
2017-08-24
TIP670-SW-42 TEWS-TIP670-SW-42 Datasheet
274Kb / 2P
8 (4) Digital Inputs, 8 (4) Digital Outputs
2017-08-24
More results


Similar Description - TIP675-SW-82

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT6570 HOLTEK-HT6570 Datasheet
282Kb / 7P
I/O TTL INTEGRATION
2nd Apr 97
logo
PCA ELECTRONICS INC.
EPA563-1 PCA-EPA563-1 Datasheet
15Kb / 1P
16 Pin DIP 3 Bit Programmable TTL Delay Lines With I/O Completely Buffered
logo
ADL Embedded Solutions
104-DIO-48S ADL-104-DIO-48S Datasheet
430Kb / 2P
48 lines of digital I/O with change of state detection
logo
PCA ELECTRONICS INC.
EPA563-1A PCA-EPA563-1A Datasheet
19Kb / 1P
16 Pin DIP 3 Bit Programmable TTL Delay Lines With I/O Completely Buffered
logo
Advantech Co., Ltd.
PCL-731 ADVANTECH-PCL-731 Datasheet
619Kb / 1P
48-ch Digital I/O ISA Card
USB-4751 ADVANTECH-USB-4751 Datasheet
523Kb / 1P
48-ch Digital I/O USB Module
logo
National Instruments Co...
777810-01 NI-777810-01 Datasheet
382Kb / 9P
48-Bit Isolated Digital I/O
777690-01 NI-777690-01 Datasheet
385Kb / 9P
Digital I/O, 24 or 96 Lines, 5 V TTL/CMOS
logo
Shanghai Leiditech Elec...
SR33-04A LEIDITECH-SR33-04A Datasheet
2Mb / 5P
Protects Four Uidirectional I/O Lines
logo
List of Unclassifed Man...
Z86E0208PSC ETC-Z86E0208PSC Datasheet
873Kb / 71P
General-Purpose OTP MCU with 14 I/O LInes
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com