Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P1900MEL Datasheet (PDF) - Littelfuse

P1900MEL Datasheet PDF - Littelfuse
Part # P1900MEL
Download  P1900MEL Download
File Size   151.78 Kbytes
Page   2 Pages
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse
Description CATV Line Amplifiers/Power Inserters 5 kA SIDACtor짰 Device

P1900MEL Datasheet (PDF)

Go To PDF Page Download Datasheet
P1900MEL Datasheet PDF - Littelfuse

Part # P1900MEL
Download  P1900MEL Click to download

File Size   151.78 Kbytes
Page   2 Pages
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse
Description CATV Line Amplifiers/Power Inserters 5 kA SIDACtor짰 Device

P1900MEL Datasheet (HTML) - Littelfuse


P1900MEL Product details

Description
The 5kA Series are SIDACtor® devices designed to protect equipment located in high exposure environments from severe overvoltage transients.
Packaged in a robust TO-218 package, the 5kA Series is ideal for use in CATV amplifiers, Telecom Base Station equipment and Cell Towers.

Features and Benefits
• Low voltage overshoot
• Low on-state voltage
• Does not degrade with use
• Fails short circuit when surged in excess of rating
• Rugged TO-218 package
• 5000A 8x20 μs surge rating

Applicable Global Standards
• TIA-968-A
• TIA-968-B
• ITU K.20/21 Enhanced Level
• ITU K.20/21 Basic Level
• GR 1089 Inter-building
• GR 1089 Intra-building
• IEC 61000-4-5
• YD/T 1082
• YD/T 993
• YD/T 950




Similar Part No. - P1900MEL

ManufacturerPart #DatasheetDescription
logo
Littelfuse
P1900MEL LITTELFUSE-P1900MEL Datasheet
134Kb / 4P
Packaged in a robust TO-218 package, the 5kA Series is ideal for use in CATV amplifiers
More results


Similar Description - P1900MEL

ManufacturerPart #DatasheetDescription
logo
Littelfuse
P1500ME LITTELFUSE-P1500ME Datasheet
125Kb / 2P
CATV Line Amplifiers/Power Inserters ME SIDACtor Device
P1900NE LITTELFUSE-P1900NE Datasheet
124Kb / 2P
CATV Line Amplifiers/Power Inserters NE SIDACtor Device
P1900RE LITTELFUSE-P1900RE Datasheet
124Kb / 2P
CATV Line Amplifiers/Power Inserters RE SIDACtor Device
P0080E_L LITTELFUSE-P0080E_L Datasheet
149Kb / 3P
SIDACtor짰 Device
P1500NEL LITTELFUSE-P1500NEL Datasheet
150Kb / 2P
CATV Line Amplifiers/Power Inserters 3 kA SIDACtor짰 Device
P1500REL LITTELFUSE-P1500REL Datasheet
150Kb / 2P
CATV Line Amplifiers/Power Inserters 3 kA SIDACtor짰 Device
P0080SCMCL LITTELFUSE-P0080SCMCL Datasheet
153Kb / 3P
MicroCapacitance (MC) SC SIDACtor짰 Device
P0080S_L LITTELFUSE-P0080S_L Datasheet
151Kb / 3P
SIDACtor짰 Device
T10C080B LITTELFUSE-T10C080B Datasheet
146Kb / 2P
SIDACtor짰 Device
logo
NXP Semiconductors
CA901A NXP-CA901A Datasheet
236Kb / 4P
The RF Line VHF/UHF CATV Amplifiers
More results




About Littelfuse


Littelfuse is an American company that specializes in the design and manufacture of circuit protection and control products.
The company was founded in 1927 and is headquartered in Chicago, Illinois.
Littelfuse provides a wide range of products including fuses, protection and control devices, and polymeric products.
The company's products are used in various applications such as automotive, industrial, and consumer electronics.
Littelfuse is known for its expertise in circuit protection and control technology and its ability to deliver high-quality and reliable products to its customers.
The company has operations and facilities in various countries across the world and works closely with its customers to provide customized solutions that meet their specific requirements and needs.
In addition to its core business, Littelfuse also provides solutions for the renewable energy and data center markets.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com