Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TIP866-10R Datasheet (PDF) - TEWS Technologies GmbH

TIP866-10R Datasheet PDF - TEWS Technologies GmbH
Part # TIP866-10R
Download  TIP866-10R Download
File Size   186.07 Kbytes
Page   2 Pages
Manufacturer  TEWS [TEWS Technologies GmbH]
Direct Link  https://www.tews.com/
Logo TEWS - TEWS Technologies GmbH
Description 8 Channel Serial Interface RS232 / TTL / RS422

TIP866-10R Datasheet (PDF)

Go To PDF Page Download Datasheet
TIP866-10R Datasheet PDF - TEWS Technologies GmbH

Part # TIP866-10R
Download  TIP866-10R Click to download

File Size   186.07 Kbytes
Page   2 Pages
Manufacturer  TEWS [TEWS Technologies GmbH]
Direct Link  https://www.tews.com/
Logo TEWS - TEWS Technologies GmbH
Description 8 Channel Serial Interface RS232 / TTL / RS422

TIP866-10R Datasheet (HTML) - TEWS Technologies GmbH


TIP866-10R Product details

Application Information
The TIP866 is an IndustryPack compatible module providing eight channels of high performance asynchronous serial interface. Three different modules are available. The TIP866-10R provides RS232 interface, the TIP866-11R offers TTL level interface and the TIP866-20R provides RS422 interface. Each channel has a 64 byte transmit FIFO and a 64 byte receive FIFO to significantly reduce the overhead required to provide data to and get data from the transmitters and receivers. The FIFO trigger levels are programmable.
The TIP866-10R and -11R support RxD, TxD, RTS, CTS and GND for each of the eight RS232 channels. The TIP866-20R supports RxD+/-, TxD+/- and GND for each of the eight RS422 channels.
The baud rate is individually programmable up to 115.2 kbaud for the TIP866-10R and up to 460.8 kbaud for the TIP866-11R and -20R. The TIP866-10R and -20R use ESD protected transceivers (up to +/-15KV according to IEC 1000-4-2).
The module versions TIP866-xx-ET are designed for the extended operating temperature from -40°C to +85°C.
The Transition Module TIP866-TM-10R provides 8 DB25 connectors mounted in a 6U 8TE front panel. The TIP866-TM-20R provides 8 RJ45 connectors mounted in a 6U 4TE front panel. The TIP866-TM-30R provides 16 4-pin RJ connectors mounted in a 6U 4TE front panel.
Serial line driver software TIP866-SW-xx is available for different operating systems.




Similar Part No. - TIP866-10R

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TIP866-10 ETC2-TIP866-10 Datasheet
108Kb / 1P
8 Channel Serial Interface
More results


Similar Description - TIP866-10R

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1318 LINER-LTC1318 Datasheet
211Kb / 8P
Single 5V RS232/RS422/AppleTalk DCE Transceiver
logo
List of Unclassifed Man...
TIP866 ETC2-TIP866 Datasheet
108Kb / 1P
8 Channel Serial Interface
NEPORT ETC2-NEPORT Datasheet
4Mb / 18P
Serial to ethernet,ethernet to serial module,Serial to IP,RS232 interface
logo
Feature Integration Tec...
F81438 FINTEK-F81438 Datasheet
263Kb / 20P
Single 5V RS232/RS422/RS485 Multiprotocol
logo
List of Unclassifed Man...
1696 ETC2-1696 Datasheet
523Kb / 1P
RS232 interface
logo
PHOENIX CONTACT
2814388 PHOENIX-2814388 Datasheet
73Kb / 2P
MCR-TTL-RS232-E
logo
List of Unclassifed Man...
RDM630 ETC2-RDM630 Datasheet
143Kb / 4P
TTL interface RS232 data format
logo
Beckhoff Automation Gmb...
CX2500-0030 BECKHOFF-CX2500-0030 Datasheet
75Kb / 1P
Serial Interface RS232 for CX20xx, CX52xx
CX2500-0031 BECKHOFF-CX2500-0031 Datasheet
77Kb / 1P
Serial Interface RS485/RS422 for CX20xx, CX52xx
logo
Coolgear Inc.
USB-232TTLMOS COOLGEAR-USB-232TTLMOS Datasheet
126Kb / 3P
USB to RS232 TTL
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com