Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPCE200-10R Datasheet (PDF) - TEWS Technologies GmbH

TPCE200-10R Datasheet PDF - TEWS Technologies GmbH
Part # TPCE200-10R
Download  TPCE200-10R Download
File Size   171.0 Kbytes
Page   2 Pages
Manufacturer  TEWS [TEWS Technologies GmbH]
Direct Link  https://www.tews.com/
Logo TEWS - TEWS Technologies GmbH
Description PCI Express Carrier for 4 IndustryPack® Modules

TPCE200-10R Datasheet (PDF)

Go To PDF Page Download Datasheet
TPCE200-10R Datasheet PDF - TEWS Technologies GmbH

Part # TPCE200-10R
Download  TPCE200-10R Click to download

File Size   171.0 Kbytes
Page   2 Pages
Manufacturer  TEWS [TEWS Technologies GmbH]
Direct Link  https://www.tews.com/
Logo TEWS - TEWS Technologies GmbH
Description PCI Express Carrier for 4 IndustryPack® Modules

TPCE200-10R Datasheet (HTML) - TEWS Technologies GmbH


TPCE200-10R Product details

The TPCE200 is a standard height PCI Express, Revision 2.0 compatible module that provides four slots for up to four single-size or two double-size IndustryPack (IP) modules used to build modular, flexible and cost effective I/O solutions for all kinds of applications like process control, medical systems, telecommunication and traffic control.
The TPCE200 is a versatile solution to upgrade well known IP I/O solutions to the PCI Express signalling standard.
Four 50-pin 0.1 inch flat ribbon cable connectors provide access to all IP I/O lines. LED status indicators for IP acknowledge, +5V and ±12V are provided.
The IP clock speed is selectable between 8MHz and 32MHz for each IP slot separately.
One memory space is provided for each IP, allowing linear addressing for 16-Bit memory on the IP.
The IP power lines are fuse protected by self-healing fuses and RF filtered. The operating temperature range is -40°C to +85°C.
The PCIe edge card connector provides +12V and +3.3V. The TPCE200-10R uses the +12V of the PCIe edge card connector to generate all power supply voltages for the IP slots (+5V, +12V and -12V).
According to the PCIe specification, a PCIe x1 card is limited to 6W on the +12V which allows to operate most of the available IP modules in combination on the TPCE200-10R.
For increased power requirements, the TPCE200-11R offer a PCIe Graphics Power Connector to supply the +12V for generating all the power supply voltages for the IP slots providing power of up to 25W.




Similar Part No. - TPCE200-10R

ManufacturerPart #DatasheetDescription
logo
TEWS Technologies GmbH
TPCE260 TEWS-TPCE260 Datasheet
369Kb / 2P
PCI Express PMC Carrier
2017-08-31
TPCE260-10R TEWS-TPCE260-10R Datasheet
369Kb / 2P
PCI Express PMC Carrier
2017-08-31
TPCE260-11R TEWS-TPCE260-11R Datasheet
369Kb / 2P
PCI Express PMC Carrier
2017-08-31
TPCE260-20R TEWS-TPCE260-20R Datasheet
369Kb / 2P
PCI Express PMC Carrier
2017-08-31
TPCE260-21R TEWS-TPCE260-21R Datasheet
369Kb / 2P
PCI Express PMC Carrier
2017-08-31
More results


Similar Description - TPCE200-10R

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
9DML4493A RENESAS-9DML4493A Datasheet
745Kb / 24P
4:4 Clock MUX for PCI Express Gen1–6
February 24, 2022
PES10T4BG2 RENESAS-PES10T4BG2 Datasheet
1Mb / 32P
10-Lane 4-Port Gen2 PCI Express® Switch
February 2, 2010
PES10T4G2 RENESAS-PES10T4G2 Datasheet
478Kb / 31P
10-Lane 4-Port Gen2 PCI Express® Switch
May 10, 2016
89HPES4T4 RENESAS-89HPES4T4 Datasheet
559Kb / 31P
4-Lane 4-Port PCI Express® Switch
June 12, 2014
89HPES4T4G2 RENESAS-89HPES4T4G2 Datasheet
892Kb / 31P
4-Lane 4-Port Gen2 PCI Express® Switch
May 23, 2013
89HPES16T4 RENESAS-89HPES16T4 Datasheet
983Kb / 32P
16-Lane 4-Port PCI Express® Switch
March 25, 2008
89HPES16T4AG2 RENESAS-89HPES16T4AG2 Datasheet
500Kb / 33P
16-Lane 4-Port Gen2 PCI Express® Switch
June 2, 2015
89HPES16T4G2 RENESAS-89HPES16T4G2 Datasheet
807Kb / 33P
16-Lane 4-Port Gen2 PCI Express® Switch
June 2, 2015
89HPES16T7 RENESAS-89HPES16T7 Datasheet
951Kb / 34P
16-Lane 7-Port PCI Express® Switch
March 25, 2008
89HPES34H16 RENESAS-89HPES34H16 Datasheet
611Kb / 46P
34-Lane 16-Port PCI Express® Switch
October 3, 2011
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com