Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPCE261-21R Datasheet (PDF) - TEWS Technologies GmbH

TPCE261-21R Datasheet PDF - TEWS Technologies GmbH
Part # TPCE261-21R
Download  TPCE261-21R Download
File Size   147.27 Kbytes
Page   2 Pages
Manufacturer  TEWS [TEWS Technologies GmbH]
Direct Link  https://www.tews.com/
Logo TEWS - TEWS Technologies GmbH
Description PCI Express x1 PMC Carrier

TPCE261-21R Datasheet (PDF)

Go To PDF Page Download Datasheet
TPCE261-21R Datasheet PDF - TEWS Technologies GmbH

Part # TPCE261-21R
Download  TPCE261-21R Click to download

File Size   147.27 Kbytes
Page   2 Pages
Manufacturer  TEWS [TEWS Technologies GmbH]
Direct Link  https://www.tews.com/
Logo TEWS - TEWS Technologies GmbH
Description PCI Express x1 PMC Carrier

TPCE261-21R Datasheet (HTML) - TEWS Technologies GmbH


TPCE261-21R Product details

Application Information
The TPCE261 is a standard height, half-length PCI
Express Revision 2.0 compatible module that provides
one slot for a single-width PMC module used to build
modular, flexible and cost effective I/O solutions for all
kinds of applications like process control, medical
systems, telecommunication and traffic control. The
TPCE261 is a versatile solution to upgrade well known
PMC I/O solutions to the PCI Express signalling standard.
On the PCI Express side, an x1 link with 2.5GT/s speed to
the host board is provided.
The bridging between the system host board and the PMC
slot is handled by the PCIe-to-PCI Bridge XIO2001 from
Texas Instruments.
On the PMC side, PCI signalling voltages of 3.3V
(TPCE261-x1R) and 5V (TPCE261-x0R) are supported.
32-bit PCI accesses are possible with 33MHz or 66MHz.
The TPCE261 supports PMC front-panel I/O and also
PMC P14 Rear-I/O through a 68-pin ERNI SMC 1.27mm
flat cable connector.
The PCIe edge card connector provides +12V and +3.3V.
All TPCE261-xx variants do not use the +3.3V at all. The
TPCE261-1xR uses the +12V of the PCIe edge card
connector to generate all four power supply voltages for
the PMC slot (+3.3V, +5V, +12V and -12V).
According to the PCIe specification, a PCIe x1 card is
limited to 6W on the +12V which allows to operate most of
the available 32-bit 33/66 MHz PMC modules on the
TPCE261-1xR.
For PMC modules with increased power requirements, the
TPCE261-2xR offer an additional PCIe Graphics Power
Connector to supply the +12V for generating all the power
supply voltages for the PMC slot providing a power of up
to 25W.




Similar Part No. - TPCE261-21R

ManufacturerPart #DatasheetDescription
logo
TEWS Technologies GmbH
TPCE260 TEWS-TPCE260 Datasheet
369Kb / 2P
PCI Express PMC Carrier
2017-08-31
TPCE260-10R TEWS-TPCE260-10R Datasheet
369Kb / 2P
PCI Express PMC Carrier
2017-08-31
TPCE260-11R TEWS-TPCE260-11R Datasheet
369Kb / 2P
PCI Express PMC Carrier
2017-08-31
TPCE260-20R TEWS-TPCE260-20R Datasheet
369Kb / 2P
PCI Express PMC Carrier
2017-08-31
TPCE260-21R TEWS-TPCE260-21R Datasheet
369Kb / 2P
PCI Express PMC Carrier
2017-08-31
More results


Similar Description - TPCE261-21R

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
XIO1100 TI-XIO1100 Datasheet
456Kb / 36P
X1 PCI Express Serial Link
logo
NXP Semiconductors
PX1011B NXP-PX1011B Datasheet
224Kb / 30P
PCI Express stand-alone X1 PHY
Rev. 02-19 March 2008
PX1011B NXP-PX1011B_08 Datasheet
223Kb / 30P
PCI Express stand-alone X1 PHY
Rev. 03-20 October 2008
PX1011A NXP-PX1011A Datasheet
247Kb / 32P
PCI Express stand-alone X1 PHY
Rev. 02-18 May 2006
PX1011B NXP-PX1011B_11 Datasheet
396Kb / 32P
PCI Express stand-alone X1 PHY Receiver detection
Rev. 5-18 April 2011
logo
AAEON Technology
BP-208RH-P4E3 AAEON-BP-208RH-P4E3 Datasheet
91Kb / 1P
Rackmount, PICMG 1.3, 8-Slot Backplane, 4 PCI, 2 PCI-Express [x1], 1 PCI-Express [x16], Single Segment
PER-T099 AAEON-PER-T099 Datasheet
205Kb / 1P
PCI-Express [x1] (SINGLE LANE) Slot Or PCI-Express Mini Card Slot
logo
List of Unclassifed Man...
CPCI-6920 ETC2-CPCI-6920 Datasheet
587Kb / 2P
64bit/66MHz PMC/PCI-Express x8 XMC
logo
Vecow Co., Ltd.
SE-1000 VECOW-SE-1000 Datasheet
3Mb / 2P
PCI Express x1, 4-port Gigabit LAN Bypass/IEEE
logo
Texas Instruments
XIO1100 TI-XIO1100_V01 Datasheet
1Mb / 41P
X1 PCI Express Serial Link
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com