Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPMC317 Datasheet (PDF) - TEWS Technologies GmbH

TPMC317 Datasheet PDF - TEWS Technologies GmbH
Part # TPMC317
Download  TPMC317 Download
File Size   314.7 Kbytes
Page   3 Pages
Manufacturer  TEWS [TEWS Technologies GmbH]
Direct Link  https://www.tews.com/
Logo TEWS - TEWS Technologies GmbH
Description Conduction Cooled, 6 Channel SSI, Incremental Encoder, Counter

TPMC317 Datasheet (PDF)

Go To PDF Page Download Datasheet
TPMC317 Datasheet PDF - TEWS Technologies GmbH

Part # TPMC317
Download  TPMC317 Click to download

File Size   314.7 Kbytes
Page   3 Pages
Manufacturer  TEWS [TEWS Technologies GmbH]
Direct Link  https://www.tews.com/
Logo TEWS - TEWS Technologies GmbH
Description Conduction Cooled, 6 Channel SSI, Incremental Encoder, Counter

TPMC317 Datasheet (HTML) - TEWS Technologies GmbH


TPMC317 Product details

Application Information
The TPMC317 is a conduction cooled single-width 32 bit PMC module and offers six independent channels. Each of these channels can operate as a standard SSI interface controller, in a SSI ‘Listen only’ Mode, as an incremental encoder or general purpose counter.
The standard SSI interface controller outputs a clock burst to the absolute encoder and receives the returned positional data. The SSI interface controller operates with a programmable clock rate from 1μs to 15μs and programmable data word length from 1 bit to 32 bit.
In ‘Listen only’ Mode the channel listens to an existing SSI interface to observe its data transfer. It takes both the SSI clock and data as inputs. In ‘Listen only’ Mode the channel also has a programmable data word length from 1 bit to 32 bit; the SSI clock rate of the observed SSI interface can be in the range of 1μs to 15μs.
In both modes the data word can be encoded in Binary- or in Gray code and with odd, even or no parity.
The 32 bit incremental encoder counter is a preloadable up- and down counter. The counter is programmable for single, double and quadruple analysis of the encoder signals. In conjunction with the isolated 24V digital inputs it provides the possibility of automatic preload of the counter whenever the motion system passes a reference position.
The 32 bit general purpose preloadable up- and down counter can be fed with an internal clock or with external signals.
Both counter modes offer a 32 bit preload register, a 32 bit compare register and various count modes.
A 'Multiple Channel Read' function latches the actual values of all enabled channels whose values can then be read without interfering with normal function.
In addition the TPMC317 provides a 16 bit down-counter with preload register which allows timing intervals of up to 65ms. It can be used as reference timer for closed loop applications or as trigger for the Multiple Channel Read function.
All data inputs are isolated. The level of the input signals can be RS422 or TTL. The input signals pass a digital filter for noise suppression before they are further used.
The level of the SSI clock output signals is RS422.
Each of the six motion control channels of the TPMC317 offers one isolated 24V digital input. The input circuit ensures a defined switching point and polarization protection against confusing the pole. The input has an electronic debounce circuit. All six 24V digital inputs can generate an interrupt, triggered on rising or falling edge. Depending on the selected mode the input can be used as general purpose input or reference input.
All signals are accessible through the P14 back I/O connector.
The TPMC317 can operate with 3.3V and 5.0V PCI I/O signaling voltage.
Software Support (TDRV005-SW-xx) for different operating systems is available.




Similar Part No. - TPMC317

ManufacturerPart #DatasheetDescription
logo
TEWS Technologies GmbH
TPMC310 TEWS-TPMC310 Datasheet
444Kb / 2P
Conduction Cooled PMC , Isolated 2 x CAN Bus
2017-08-31
TPMC310-10R TEWS-TPMC310-10R Datasheet
444Kb / 2P
Conduction Cooled PMC , Isolated 2 x CAN Bus
2017-08-31
TPMC310-DOC TEWS-TPMC310-DOC Datasheet
444Kb / 2P
Conduction Cooled PMC , Isolated 2 x CAN Bus
2017-08-31
TPMC316 TEWS-TPMC316 Datasheet
143Kb / 2P
Conduction Cooled PMC , Isolated 2 x CAN Bus
2017-08-31
TPMC316-10R TEWS-TPMC316-10R Datasheet
143Kb / 2P
Conduction Cooled PMC , Isolated 2 x CAN Bus
2017-08-31
More results


Similar Description - TPMC317

ManufacturerPart #DatasheetDescription
logo
CUI INC
MEH9 CUI-MEH9 Datasheet
78Kb / 3P
incremental encoder
MEH20 CUI-MEH20 Datasheet
80Kb / 3P
incremental encoder
MEH30 CUI-MEH30 Datasheet
76Kb / 3P
incremental encoder
MES12 CUI-MES12 Datasheet
74Kb / 3P
incremental encoder
logo
List of Unclassifed Man...
580A316IR-60 ETC2-580A316IR-60 Datasheet
155Kb / 4P
Incremental Encoder
logo
IC-Haus GmbH
IC-LTA ICHAUS-IC-LTA Datasheet
784Kb / 14P
6-CH. INCREMENTAL OPTO ENCODER ARRAY
IC-WT ICHAUS-IC-WT Datasheet
731Kb / 13P
INCREMENTAL ENCODER
logo
CUI INC
MAS36 CUI-MAS36 Datasheet
47Kb / 1P
Incremental Encoder
MES3 CUI-MES3 Datasheet
298Kb / 5P
INCREMENTAL ENCODER
logo
IC-Haus GmbH
IC-LTA ICHAUS-IC-LTA_16 Datasheet
844Kb / 15P
6-CH. INCREMENTAL OPTO ENCODER ARRAY
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com