Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPMC321-10R Datasheet (PDF) - TEWS Technologies GmbH

TPMC321-10R Datasheet PDF - TEWS Technologies GmbH
Part # TPMC321-10R
Download  TPMC321-10R Download
File Size   410.61 Kbytes
Page   2 Pages
Manufacturer  TEWS [TEWS Technologies GmbH]
Direct Link  https://www.tews.com/
Logo TEWS - TEWS Technologies GmbH
Description Conduction Cooled, 64 Digital TTL I/O / 32 Differential I/O

TPMC321-10R Datasheet (PDF)

Go To PDF Page Download Datasheet
TPMC321-10R Datasheet PDF - TEWS Technologies GmbH

Part # TPMC321-10R
Download  TPMC321-10R Click to download

File Size   410.61 Kbytes
Page   2 Pages
Manufacturer  TEWS [TEWS Technologies GmbH]
Direct Link  https://www.tews.com/
Logo TEWS - TEWS Technologies GmbH
Description Conduction Cooled, 64 Digital TTL I/O / 32 Differential I/O

TPMC321-10R Datasheet (HTML) - TEWS Technologies GmbH


TPMC321-10R Product details

Application Information
The TPMC321 is a conduction cooled single-width 32 bit
PMC module offering 64 ESD-protected 5V-tolerant TTL
lines or 32 differential I/O lines using ESD-protected EIA-
422 / EIA-485 compatible line transceivers or Multipoint-
LVDS transceivers.
Each line is individually programmable as input, output or
tri-state. The receivers are always enabled, which allows
determining the state of each I/O line at any time. This can
be used as read back function for lines configured as
outputs. Each TTL I/O line has a pull-up resistor. The pullup
voltage is selectable to be either +3.3V or +5V.
Differential I/O lines are terminated, EIA-422 / EIA-485
lines with 120 Ω, M-LVDS lines with 100 Ω.
Each input can generate an interrupt. Signal edge
handling is programmable to interrupt on rising and/or
falling edge of an input signal. Interrupts can be enabled
and disabled for each bit. For interrupt source detection
the status of each bit can be read from interrupt status
registers.
The TPMC321 provides rear I/O via P14.
Software Support (TDRV006-SW-xx) for different
operating systems is available.




Similar Part No. - TPMC321-10R

ManufacturerPart #DatasheetDescription
logo
TEWS Technologies GmbH
TPMC310 TEWS-TPMC310 Datasheet
444Kb / 2P
Conduction Cooled PMC , Isolated 2 x CAN Bus
2017-08-31
TPMC310-10R TEWS-TPMC310-10R Datasheet
444Kb / 2P
Conduction Cooled PMC , Isolated 2 x CAN Bus
2017-08-31
TPMC310-DOC TEWS-TPMC310-DOC Datasheet
444Kb / 2P
Conduction Cooled PMC , Isolated 2 x CAN Bus
2017-08-31
TPMC316 TEWS-TPMC316 Datasheet
143Kb / 2P
Conduction Cooled PMC , Isolated 2 x CAN Bus
2017-08-31
TPMC316-10R TEWS-TPMC316-10R Datasheet
143Kb / 2P
Conduction Cooled PMC , Isolated 2 x CAN Bus
2017-08-31
More results


Similar Description - TPMC321-10R

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT6570 HOLTEK-HT6570 Datasheet
282Kb / 7P
I/O TTL INTEGRATION
2nd Apr 97
logo
National Instruments Co...
USB-6501 NI-USB-6501 Datasheet
301Kb / 5P
Small, portable digital I/O device/24 digital I/O lines, one 32-bit counter
logo
Holtek Semiconductor In...
HT1650 HOLTEK-HT1650_10 Datasheet
178Kb / 19P
6432 LCD Controller for I/O MCU
logo
Advantech Co., Ltd.
PCIE-1730 ADVANTECH-PCIE-1730 Datasheet
234Kb / 1P
32-ch TTL and 32-ch Isolated Digital I/O PCI Express Card
logo
List of Unclassifed Man...
CPCI-7432 ETC2-CPCI-7432 Datasheet
353Kb / 2P
64-CH Isolated Digital I/O Cards
logo
Advantech Co., Ltd.
PCIE-1730 ADVANTECH-PCIE-1730_15 Datasheet
212Kb / 1P
32-ch TTL and 32-ch Isolated Digital I/O PCI Express Card
logo
Adlink Technology Inc.
CPCI-7432 ADLINK-CPCI-7432 Datasheet
208Kb / 1P
64-CH Isolated Digital I/O Cards
logo
Advantech Co., Ltd.
PCM-3730 ADVANTECH-PCM-3730 Datasheet
390Kb / 7P
32-ch Isolated Digital I/O Module
PCIE-1730 ADVANTECH-PCIE-1730_V01 Datasheet
390Kb / 1P
32-Ch TTL, 32-Ch Isolated Digital I/O PCIe Card
27-Jun-2018
AIIS-1750 ADVANTECH-AIIS-1750 Datasheet
308Kb / 1P
32-ch Isolated Digital I/O Card
4-Oct-2018
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com