Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPMC372 Datasheet (PDF) - TEWS Technologies GmbH

TPMC372 Datasheet PDF - TEWS Technologies GmbH
Part # TPMC372
Download  TPMC372 Download
File Size   286.99 Kbytes
Page   3 Pages
Manufacturer  TEWS [TEWS Technologies GmbH]
Direct Link  https://www.tews.com/
Logo TEWS - TEWS Technologies GmbH
Description Conduction Cooled PMC, 4 Channel RS232/RS422

TPMC372 Datasheet (PDF)

Go To PDF Page Download Datasheet
TPMC372 Datasheet PDF - TEWS Technologies GmbH

Part # TPMC372
Download  TPMC372 Click to download

File Size   286.99 Kbytes
Page   3 Pages
Manufacturer  TEWS [TEWS Technologies GmbH]
Direct Link  https://www.tews.com/
Logo TEWS - TEWS Technologies GmbH
Description Conduction Cooled PMC, 4 Channel RS232/RS422

TPMC372 Datasheet (HTML) - TEWS Technologies GmbH


TPMC372 Product details

Application Information
The TPMC372 is a conduction cooled single-width 32 bit PMC module and offers 4 channels of high performance asynchronous serial interface.
Three different standard modules are available: The TPMC372-10xR provides 4 RS232 interfaces. The TPMC372-11xR provides 4 RS422 interfaces. The TPMC372-12xR provides 2 RS232 and 2 RS422 interfaces.
Other configurations are available as factory build option on a per channel base.
All modules offer P14 I/O. Each RS232 channel supports RxD, TxD, RTS, CTS and GND. Each RS422 channel supports RxD+/-, TxD+/- and GND. One channel of the TPMC372-10xR/-12xR offers full modem support (TxD, RxD, CTS, RTS, DSR, DTR, CD, RI and GND) for RS232. One channel of the TPMC372-11xR supports RxD+/-, TxD+/-, RTS+/-, CTS+/- and GND for RS422.
Each channel has 64 byte transmit and receive FIFOs to significantly reduce the overhead required to provide data to and get data from the transmitters and receivers. The FIFO trigger levels are programmable and the baud rate is individually programmable up to 921.6 kbps for RS232 channels and 5.5296 Mbps for RS422 channels. The UART offers readable FIFO levels.
All channels generate interrupts on PCI interrupt INTA. For fast interrupt source detection the UART provides a special Global Interrupt Source Register.
All serial channels use ESD protected transceivers. ESD protection is up to ±15KV.
The TPMC372 can operate with 3.3V and 5.0V PCI I/O signaling voltage.
Software Support (TDRV002-SW-xx) for different operating systems is available.




Similar Part No. - TPMC372

ManufacturerPart #DatasheetDescription
logo
TEWS Technologies GmbH
TPMC371 TEWS-TPMC371 Datasheet
118Kb / 3P
Conduction Cooled PMC, 8 Channel RS232/RS422
2017-08-31
TPMC371-10R TEWS-TPMC371-10R Datasheet
118Kb / 3P
Conduction Cooled PMC, 8 Channel RS232/RS422
2017-08-31
TPMC371-11R TEWS-TPMC371-11R Datasheet
118Kb / 3P
Conduction Cooled PMC, 8 Channel RS232/RS422
2017-08-31
TPMC371-12R TEWS-TPMC371-12R Datasheet
118Kb / 3P
Conduction Cooled PMC, 8 Channel RS232/RS422
2017-08-31
TPMC371-DOC TEWS-TPMC371-DOC Datasheet
118Kb / 3P
Conduction Cooled PMC, 8 Channel RS232/RS422
2017-08-31
More results


Similar Description - TPMC372

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CT-61 ETC2-CT-61 Datasheet
269Kb / 1P
Rugged Conduction Cooled 6U CompactPCI Intel Core i7 Universal Blade with two PMC sites
logo
TECHNOLOGY ASSISTANCE B...
TDCP-800-12 TAB-TDCP-800-12 Datasheet
203Kb / 2P
CONDUCTION COOLED SWITCHING POWER SUPPLIES
logo
Power System Technology
PST21A PST-PST21A Datasheet
2Mb / 13P
AC-DC 1200W Conduction cooled
logo
Illinois Capacitor, Inc...
505HC6500K2EM8 ILLINOISCAPACITOR-505HC6500K2EM8 Datasheet
89Kb / 1P
Conduction Cooled(High Density Reasnot)
135HC6700K4TM6 ILLINOISCAPACITOR-135HC6700K4TM6 Datasheet
86Kb / 1P
Conduction Cooled (High Density Resonant)
265HC6600K2EM8 ILLINOISCAPACITOR-265HC6600K2EM8 Datasheet
90Kb / 1P
Conduction Cooled (High Density Resonant)
334HC6102K4TM6 ILLINOISCAPACITOR-334HC6102K4TM6 Datasheet
91Kb / 1P
Conduction Cooled (High Density Resonant)
504HC6800K2EM8 ILLINOISCAPACITOR-504HC6800K2EM8 Datasheet
89Kb / 1P
Conduction Cooled (High Density Resonant)
504HC6800K4TM6 ILLINOISCAPACITOR-504HC6800K4TM6 Datasheet
91Kb / 1P
Conduction Cooled (High Density Resonant)
664HC6800K2EM8 ILLINOISCAPACITOR-664HC6800K2EM8 Datasheet
90Kb / 1P
Conduction Cooled (High Density Resonant)
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com