Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPIM001 Datasheet (PDF) - TEWS Technologies GmbH

TPIM001 Datasheet PDF - TEWS Technologies GmbH
Part # TPIM001
Download  TPIM001 Download
File Size   118.55 Kbytes
Page   3 Pages
Manufacturer  TEWS [TEWS Technologies GmbH]
Direct Link  https://www.tews.com/
Logo TEWS - TEWS Technologies GmbH
Description Conduction Cooled PMC, 8 Channel RS232/RS422

TPIM001 Datasheet (PDF)

Go To PDF Page Download Datasheet
TPIM001 Datasheet PDF - TEWS Technologies GmbH

Part # TPIM001
Download  TPIM001 Click to download

File Size   118.55 Kbytes
Page   3 Pages
Manufacturer  TEWS [TEWS Technologies GmbH]
Direct Link  https://www.tews.com/
Logo TEWS - TEWS Technologies GmbH
Description Conduction Cooled PMC, 8 Channel RS232/RS422

TPIM001 Datasheet (HTML) - TEWS Technologies GmbH


TPIM001 Product details

Application Information
The TPMC371 is a conduction cooled single-width 32 bit PMC module and offers 8 channels of high performance asynchronous serial interface.
Three different standard modules are available: The TPMC371-10xR provides 8 RS232 interfaces. The TPMC371-11xR provides 8 RS422 interfaces. The TPMC371-12xR provides 4 RS232 and 4 RS422 interfaces.
Other configurations are available as factory build option on a per channel base.
All modules offer P14 I/O. Each RS232 channel supports RxD, TxD, RTS, CTS and GND. Each RS422 channel supports RxD+/-, TxD+/- and GND. Two channels of the TPMC371-10xR/-12xR offer full modem support (TxD, RxD, CTS, RTS, DSR, DTR, CD, RI and GND) for RS232. Two channels of the TPMC371-11xR support RxD+/-, TxD+/-, RTS+/-, CTS+/- and GND for RS422.
Each channel has 64 byte transmit and receive FIFOs to significantly reduce the overhead required to provide data to and get data from the transmitters and receivers. The FIFO trigger levels are programmable and the baud rate is individually programmable up to 921.6 kbps for RS232 channels and 5.5296 Mbps for RS422 channels. The UART offers readable FIFO levels.
All channels generate interrupts on PCI interrupt INTA. For fast interrupt source detection the UART provides a special Global Interrupt Source Register.
All serial channels use ESD protected transceivers. ESD protection is up to ±15KV.
The TPMC371 can operate with 3.3V and 5.0V PCI I/O signaling voltage.
Software Support (TDRV002-SW-xx) for different operating systems is available.




Similar Part No. - TPIM001

ManufacturerPart #DatasheetDescription
logo
TEWS Technologies GmbH
TPIM001 TEWS-TPIM001 Datasheet
143Kb / 1P
MTCA.4 Rear-I/O μRTM for TAMC261
2017-09-20
TPIM001 TEWS-TPIM001 Datasheet
72Kb / 1P
Transition Module for 3U cPCI PMC Carrier
2017-08-17
TPIM001 TEWS-TPIM001 Datasheet
85Kb / 1P
PIM Carrier Transition Module for 3U cPCI
2017-08-17
TPIM001 TEWS-TPIM001 Datasheet
69Kb / 1P
PIM I/O Module with 50 pin Connector
2017-08-31
TPIM001 TEWS-TPIM001 Datasheet
136Kb / 3P
Conduction Cooled PMC, 4 Channel Isolated
2017-08-31
More results


Similar Description - TPIM001

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CT-61 ETC2-CT-61 Datasheet
269Kb / 1P
Rugged Conduction Cooled 6U CompactPCI Intel Core i7 Universal Blade with two PMC sites
logo
TECHNOLOGY ASSISTANCE B...
TDCP-800-12 TAB-TDCP-800-12 Datasheet
203Kb / 2P
CONDUCTION COOLED SWITCHING POWER SUPPLIES
logo
Power System Technology
PST21A PST-PST21A Datasheet
2Mb / 13P
AC-DC 1200W Conduction cooled
logo
Illinois Capacitor, Inc...
505HC6500K2EM8 ILLINOISCAPACITOR-505HC6500K2EM8 Datasheet
89Kb / 1P
Conduction Cooled(High Density Reasnot)
135HC6700K4TM6 ILLINOISCAPACITOR-135HC6700K4TM6 Datasheet
86Kb / 1P
Conduction Cooled (High Density Resonant)
265HC6600K2EM8 ILLINOISCAPACITOR-265HC6600K2EM8 Datasheet
90Kb / 1P
Conduction Cooled (High Density Resonant)
334HC6102K4TM6 ILLINOISCAPACITOR-334HC6102K4TM6 Datasheet
91Kb / 1P
Conduction Cooled (High Density Resonant)
504HC6800K2EM8 ILLINOISCAPACITOR-504HC6800K2EM8 Datasheet
89Kb / 1P
Conduction Cooled (High Density Resonant)
504HC6800K4TM6 ILLINOISCAPACITOR-504HC6800K4TM6 Datasheet
91Kb / 1P
Conduction Cooled (High Density Resonant)
664HC6800K2EM8 ILLINOISCAPACITOR-664HC6800K2EM8 Datasheet
90Kb / 1P
Conduction Cooled (High Density Resonant)
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com