Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPIM001 Datasheet (PDF) - TEWS Technologies GmbH

TPIM001 Datasheet PDF - TEWS Technologies GmbH
Part # TPIM001
Download  TPIM001 Download
File Size   117.33 Kbytes
Page   3 Pages
Manufacturer  TEWS [TEWS Technologies GmbH]
Direct Link  https://www.tews.com/
Logo TEWS - TEWS Technologies GmbH
Description Conduction Cooled PMC, 4 Channel RS232/RS422/RS485

TPIM001 Datasheet (PDF)

Go To PDF Page Download Datasheet
TPIM001 Datasheet PDF - TEWS Technologies GmbH

Part # TPIM001
Download  TPIM001 Click to download

File Size   117.33 Kbytes
Page   3 Pages
Manufacturer  TEWS [TEWS Technologies GmbH]
Direct Link  https://www.tews.com/
Logo TEWS - TEWS Technologies GmbH
Description Conduction Cooled PMC, 4 Channel RS232/RS422/RS485

TPIM001 Datasheet (HTML) - TEWS Technologies GmbH


TPIM001 Product details

Application Information
The TPMC376 is a conduction cooled single-width 32 bit PMC module offering 4 channels of high performance RS232/RS422/RS485 programmable asynchronous serial interface with P14 I/O.
The serial channels can be individually programmed to operate as RS232, RS422 or RS485 full duplex / half duplex interface. In addition programmable termination is provided for the RS422/RS485 interfaces. After power-up all serial I/O lines are in a high impedance state.
Each RS232 channel supports RxD, TxD, RTS, CTS and GND. RS422 and RS485 full duplex support a four wire interface (RX+, RX-, TX+, TX-) plus ground (GND). RS485 half duplex supports a two wire interface (DX+, DX-) plus ground (GND).
Each channel has 64 byte transmit and receive FIFOs to significantly reduce the overhead required to provide data to and get data from the transmitters and receivers. The FIFO trigger levels are programmable and the baud rate is individually programmable up to 921.6 kbps for RS232 channels and 5.5296 Mbps for RS422/RS485 channels. The UART offers readable FIFO levels.
All channels generate interrupts on PCI interrupt INTA. For fast interrupt source detection the UART provides a special Global Interrupt Source Register.
All serial channels use ESD protected transceivers. ESD protection is up to ±15KV.
The TPMC376 can operate with 3.3V and 5.0V PCI I/O signaling voltage.
Software Support (TDRV002-SW-xx) for different operating systems is available




Similar Part No. - TPIM001

ManufacturerPart #DatasheetDescription
logo
TEWS Technologies GmbH
TPIM001 TEWS-TPIM001 Datasheet
143Kb / 1P
MTCA.4 Rear-I/O μRTM for TAMC261
2017-09-20
TPIM001 TEWS-TPIM001 Datasheet
72Kb / 1P
Transition Module for 3U cPCI PMC Carrier
2017-08-17
TPIM001 TEWS-TPIM001 Datasheet
85Kb / 1P
PIM Carrier Transition Module for 3U cPCI
2017-08-17
TPIM001 TEWS-TPIM001 Datasheet
69Kb / 1P
PIM I/O Module with 50 pin Connector
2017-08-31
TPIM001 TEWS-TPIM001 Datasheet
136Kb / 3P
Conduction Cooled PMC, 4 Channel Isolated
2017-08-31
More results


Similar Description - TPIM001

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS3695A NSC-DS3695A Datasheet
108Kb / 8P
Multipoint RS485/RS422 Transceivers
DS3698 NSC-DS3698 Datasheet
257Kb / 10P
Multipoint RS485/RS422 Transceivers/Repeaters
logo
List of Unclassifed Man...
IL422-3V ETC-IL422-3V Datasheet
348Kb / 7P
Isolated 3Volt RS422/RS485 Interface
IL3522 ETC2-IL3522 Datasheet
142Kb / 10P
Isolated RS485/RS422 Interface
logo
Linear Technology
LTC2850 LINER-LTC2850 Datasheet
188Kb / 16P
3.3V 20Mbps RS485/RS422 Transceivers
logo
Feature Integration Tec...
F81438 FINTEK-F81438 Datasheet
263Kb / 20P
Single 5V RS232/RS422/RS485 Multiprotocol
logo
List of Unclassifed Man...
CT-61 ETC2-CT-61 Datasheet
269Kb / 1P
Rugged Conduction Cooled 6U CompactPCI Intel Core i7 Universal Blade with two PMC sites
logo
Linear Technology
LTC2851 LINER-LTC2851_15 Datasheet
1Mb / 18P
3.3V 20Mbps RS485/RS422 Transceivers
LTC2852 LINER-LTC2852_15 Datasheet
1Mb / 18P
3.3V 20Mbps RS485/RS422 Transceivers
logo
Texas Instruments
DS3695A TI1-DS3695A_14 Datasheet
831Kb / 13P
Multipoint RS485/RS422 Transceivers
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com