Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IPB021N10NM5LF2 Datasheet (PDF) - Infineon Technologies AG

IPB021N10NM5LF2 Datasheet PDF - Infineon Technologies AG
Part # IPB021N10NM5LF2
Download  IPB021N10NM5LF2 Download
File Size   742.62 Kbytes
Page   12 Pages
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG
Description MOSFET OptiMOS™ 5 Linear FET 2, 100 V

IPB021N10NM5LF2 Datasheet (PDF)

Go To PDF Page Download Datasheet
IPB021N10NM5LF2 Datasheet PDF - Infineon Technologies AG

Part # IPB021N10NM5LF2
Download  IPB021N10NM5LF2 Click to download

File Size   742.62 Kbytes
Page   12 Pages
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG
Description MOSFET OptiMOS™ 5 Linear FET 2, 100 V

IPB021N10NM5LF2 Datasheet (HTML) - Infineon Technologies AG


IPB021N10NM5LF2 Product details

Features
• Ideal for hot‑swap and e‑fuse applications
• Very low on‑resistance RDS(on)
• Wide safe operating area SOA
• N‑channel, normal level
• 100% avalanche tested
• Pb‑free lead plating; RoHS compliant
• Halogen‑free according to IEC61249‑2‑21




Similar Part No. - IPB021N10NM5LF2

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IPB021N06N3 INFINEON-IPB021N06N3 Datasheet
483Kb / 11P
OptiMOS?? Power-Transistor Features Ideal for high frequency switching and sync. rec.
Rev. 2.2 2009-12-11
IPB021N06N3-G INFINEON-IPB021N06N3-G Datasheet
483Kb / 11P
OptiMOS?? Power-Transistor Features Ideal for high frequency switching and sync. rec.
Rev. 2.2 2009-12-11
IPB021N06N3G INFINEON-IPB021N06N3G Datasheet
483Kb / 11P
OptiMOS?? Power-Transistor Features Ideal for high frequency switching and sync. rec.
Rev. 2.2 2009-12-11
More results


Similar Description - IPB021N10NM5LF2

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IPB017N10N5LF INFINEON-IPB017N10N5LF Datasheet
1Mb / 11P
OptiMOSTM 5 Linear FET, 100 V
Rev.2.1,2017-02-16
IPB020N10N5LF INFINEON-IPB020N10N5LF Datasheet
1,017Kb / 11P
OptiMOSTM 5 Linear FET, 100 V
Rev.2.1,2017-02-16
IPB033N10N5LF INFINEON-IPB033N10N5LF Datasheet
1,009Kb / 11P
OptiMOSTM 5 Linear FET, 100 V
Rev.2.1,2017-02-16
IPB048N15N5LF INFINEON-IPB048N15N5LF Datasheet
905Kb / 11P
OptiMOSTM 5 Linear FET, 150 V
Rev.2.0,2017-03-29
IQE030N06NM5 INFINEON-IQE030N06NM5 Datasheet
1Mb / 12P
MOSFET OptiMOS™M 5 Power-Transistor, 60 V
Rev. 2.0, 2021-04-27
IQE030N06NM5CG INFINEON-IQE030N06NM5CG Datasheet
1Mb / 12P
MOSFET OptiMOS™ 5 Power-Transistor, 60 V
Rev. 2.0, 2021-04-27
IQE050N08NM5CG INFINEON-IQE050N08NM5CG Datasheet
1Mb / 12P
MOSFET OptiMOS™M 5 Power-Transistor, 80 V
Rev. 2.0, 2021-04-26
BSC050N10NS5 INFINEON-BSC050N10NS5 Datasheet
1Mb / 13P
OptiMOS™ 5 Power-Transistor, 100 V
Rev. 2.3, 2021-06-07
IPTG007N06NM5 INFINEON-IPTG007N06NM5 Datasheet
1Mb / 11P
OptiMOS™ 5 Power-Transistor, 60 V
Rev. 2.1, 2021-04-22
ISC035N10NM5LF INFINEON-ISC035N10NM5LF Datasheet
1Mb / 12P
OptiMOSTM 5 Linear FET, 100 V
Rev. 2.0, 2023-06-06
More results




About Infineon Technologies AG


Infineon Technologies is a leading global semiconductor manufacturer that specializes in providing power management, security, and control solutions for a variety of industries such as automotive, industrial, and communication systems.
The company was founded in 1999 and is headquartered in Neubiberg, Germany.
Infineon offers a wide range of products including microcontrollers, power semiconductors, sensors, and other integrated circuits.
The company has a strong presence in the global market, with operations and facilities in various countries across the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com