Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TA301 Datasheet (PDF) - TEWS Technologies GmbH

TA301 Datasheet PDF - TEWS Technologies GmbH
Part # TA301
Download  TA301 Download
File Size   271.41 Kbytes
Page   2 Pages
Manufacturer  TEWS [TEWS Technologies GmbH]
Direct Link  https://www.tews.com/
Logo TEWS - TEWS Technologies GmbH
Description 32 Channels of Isolated 12 bit A/D

TA301 Datasheet (PDF)

Go To PDF Page Download Datasheet
TA301 Datasheet PDF - TEWS Technologies GmbH

Part # TA301
Download  TA301 Click to download

File Size   271.41 Kbytes
Page   2 Pages
Manufacturer  TEWS [TEWS Technologies GmbH]
Direct Link  https://www.tews.com/
Logo TEWS - TEWS Technologies GmbH
Description 32 Channels of Isolated 12 bit A/D

TA301 Datasheet (HTML) - TEWS Technologies GmbH


TA301 Product details

The TPMC500 is a PCI Mezzanine Card compatible
module providing 32 galvanically isolated multiplexed
16 bit ADC channels.. The data acquisition and conversion
time is mode-dependent: Maximum 10μs without channel /
gain change, maximum 12.5μs with channel / gain
change.
The ADC input channels can be software configured to
operate in single-ended mode (up to 32 input channels) or
differential mode (up to 16 input channels). Mixed mode
operation is also possible.
The ADC multiplexer is overvoltage protected up to
70Vpp. A programmable gain amplifier allows gains of 1,
2, 5, 10 (TPMC500-10R, -12R, -20R and –22R) or 1, 2, 4,
8 (TPMC500-11R, -13R, -21R and –23R). For a gain of 1,
the full-scale input voltage range is +/-10V for the
TPMC500-10R, -11R, -20R, -21R and 0V to 10V for the
TPMC500-12R, -13R, -22R, -23R.
Additionally the TPMC500 provides a sequencer to control
the analog inputs without wasting CPU time.
Each channel can be independently enabled and
configured by a sequencer instruction RAM. After the last
instruction of a programmed sequence has been
completed the ADC data of all channels enabled for the
sequence are stored in the data RAM.
The repeat frequency of the sequencer can be
programmed by using the sequence timer. The sequence
timer is programmable from 100μs to 6.5535sec in steps
of 100μs. Whenever the timer reaches the programmed
value the sequencer starts a new sequence. A special
function is the sequencer continuous mode. It is activated,
if the sequence timer register is set to 0. In this mode the
sequencer will start again with the first instruction of the
sequence as soon as the last instruction of the previous
sequence has been completed.
Each TPMC500 is factory calibrated. The calibration data
is stored in an EEPROM unique to each TPMC500.
Software support (TPMC500-SW-xx) is available for
different operating systems.




Similar Part No. - TA301

ManufacturerPart #DatasheetDescription
logo
TEWS Technologies GmbH
TA301 TEWS-TA301 Datasheet
192Kb / 2P
Carrier for 1 IndustryPack®
2017-09-20
TA301 TEWS-TA301 Datasheet
201Kb / 1P
CompactPCI Carrier for 4 IndustryPacks
2017-08-17
TA301 TEWS-TA301 Datasheet
105Kb / 3P
8 Channel Serial Interface RS232/RS422
2017-08-24
TA301 TEWS-TA301 Datasheet
105Kb / 3P
4 Channel Serial Interface RS232/RS422
2017-08-24
TA301 TEWS-TA301 Datasheet
109Kb / 3P
8 Channel RS232/RS422/RS485 Programmable Serial Interface
2017-08-24
More results


Similar Description - TA301

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TIP550 ETC1-TIP550 Datasheet
74Kb / 1P
Channels of Isolated 12 bit D/A Conversion
logo
Maxim Integrated Produc...
MAX171 MAXIM-MAX171 Datasheet
1Mb / 9P
Opto-Isolated Serial Output 5.8us 12-Bit A/D Converter
logo
List of Unclassifed Man...
TIP551 ETC2-TIP551 Datasheet
75Kb / 1P
4 Channels of Isolated 16 bit D/A Conversion
logo
fujitsu semiconductor
MB88346B FUJITSU-MB88346B_05 Datasheet
189Kb / 18P
D/A Converter for Digital Tuning (12 channels. 8-bit, with OP amplifier)
logo
List of Unclassifed Man...
TIP501 ETC2-TIP501 Datasheet
78Kb / 1P
16 Channels of Isolated 16 bit A/D Conversion
logo
Advantech Co., Ltd.
PCI-1715U ADVANTECH-PCI-1715U Datasheet
563Kb / 1P
500 kS/s, 12-bit, 32-ch Isolated Analog 500 kS/s, 12-bit, 32-ch Isolated Analog
logo
ATMEL Corporation
AT83C5111 ATMEL-AT83C5111_14 Datasheet
898Kb / 86P
10-bit, 8 Channels A/D Converter
logo
PHOENIX CONTACT
2294500 PHOENIX-2294500 Datasheet
71Kb / 4P
Transmission of a maximum of 32 digital channels via a 50-pos. system cable
logo
Renesas Technology Corp
RX110 RENESAS-RX110 Datasheet
1Mb / 108P
32 MHz 32-bit RX MCUs, 50 DMIPS up to 128 Kbytes of flash memory, up to 5 comms channels, 12-bit A/D, RTC
RX111 RENESAS-RX111_V01 Datasheet
1Mb / 127P
32 MHz 32-bit RX MCUs, 50 DMIPS, up to 512 Kbytes of flash memory, USB 2.0 full-speed host/function/OTG, up to 6 comms channels, 12-bit A/D, 8-bit D/A, RTC
May 31, 2016
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com