Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPMC630 Datasheet (PDF) - TEWS Technologies GmbH

TPMC630 Datasheet PDF - TEWS Technologies GmbH
Part # TPMC630
Download  TPMC630 Download
File Size   123.31 Kbytes
Page   2 Pages
Manufacturer  TEWS [TEWS Technologies GmbH]
Direct Link  https://www.tews.com/
Logo TEWS - TEWS Technologies GmbH
Description Reconfigurable FPGA with 64 TTL I/O / 32 Diff. I/O

TPMC630 Datasheet (PDF)

Go To PDF Page Download Datasheet
TPMC630 Datasheet PDF - TEWS Technologies GmbH

Part # TPMC630
Download  TPMC630 Click to download

File Size   123.31 Kbytes
Page   2 Pages
Manufacturer  TEWS [TEWS Technologies GmbH]
Direct Link  https://www.tews.com/
Logo TEWS - TEWS Technologies GmbH
Description Reconfigurable FPGA with 64 TTL I/O / 32 Diff. I/O

TPMC630 Datasheet (HTML) - TEWS Technologies GmbH


TPMC630 Product details

Application Information
The TPMC630 is a standard single-width 32 bit PMC module providing a user configurable FPGA with 300,000 (TPMC630-1x) or 600,000 (TPMC630-2x) system gates. All local signals from the PCI controller are routed to the FPGA.
The TPMC630-x0x has 64 ESD-protected TTL lines, the TPMC630-x1x provides 32 differential I/O lines using EIA-422 / EIA-485 compatible, ESD-protected line transceivers. The TPMC630-x2x provides 32 TTL and 16 differential I/Os. All lines are individually programmable as input or output. The receivers are always enabled, which allows determining the state of each I/O line at any time. This can be used as read back function for lines configured as outputs. Each TTL I/O line has a pull-up resistor. The pull-up voltage is selectable to be either +3.3V or +5V. The differential I/O lines are terminated by 120Ω resistors.
The FPGA is configured by a serial Flash. The Flash device is in-system programmable via driver software over the PCI bus. An in-circuit debugging option is available via an optionally mountable JTAG header (on the backside of the board) for readback and real-time debugging of the FPGA design (using Xilinx “ChipScope”).
A programmable clock generator supplies up to six different clock frequencies between 200 kHz and 166 MHz. All outputs are available at the FPGA, one clock source is in addition used as the local clock signal for the PCI controller. The clock generator settings are stored in an EEPROM and can be changed by the driver software through PCI9030 GPIO pins.
The configuration EEPROM of the PCI controller can also be modified by the driver software, to adapt address spaces etc.
User applications can be developed using the design software ISE WebPACK which can be downloaded free of charge from www.xilinx.com.
The TPMC630 provides front panel I/O via a HD68 SCSI-3 type connector and rear panel I/O via P14.
For First Time Users the Engineering Documentation TPMC630-ED is recommended. The Engineering Documentation includes TPMC630-DOC, schematics, data sheets / application notes of the components and well documented sample VHDL source code.
Software Support (TPMC630-SW-xx) for different operating systems is available.




Similar Part No. - TPMC630

ManufacturerPart #DatasheetDescription
logo
TEWS Technologies GmbH
TPMC632 TEWS-TPMC632 Datasheet
250Kb / 3P
Reconfigurable FPGA with 64 TTL I/O / 32 Diff. I/O
2017-08-31
TPMC632-10R TEWS-TPMC632-10R Datasheet
250Kb / 3P
Reconfigurable FPGA with 64 TTL I/O / 32 Diff. I/O
2017-08-31
TPMC632-11R TEWS-TPMC632-11R Datasheet
250Kb / 3P
Reconfigurable FPGA with 64 TTL I/O / 32 Diff. I/O
2017-08-31
TPMC632-12R TEWS-TPMC632-12R Datasheet
250Kb / 3P
Reconfigurable FPGA with 64 TTL I/O / 32 Diff. I/O
2017-08-31
TPMC632-13R TEWS-TPMC632-13R Datasheet
250Kb / 3P
Reconfigurable FPGA with 64 TTL I/O / 32 Diff. I/O
2017-08-31
More results


Similar Description - TPMC630

ManufacturerPart #DatasheetDescription
logo
SMSC Corporation
LPC47N217 SMSC-LPC47N217 Datasheet
150Kb / 5P
64 - PIN SUPUR I/O WITH LPC INTERFACE
logo
Holtek Semiconductor In...
HT6570 HOLTEK-HT6570 Datasheet
282Kb / 7P
I/O TTL INTEGRATION
2nd Apr 97
logo
SMSC Corporation
LPC47N217 SMSC-LPC47N217_07 Datasheet
94Kb / 5P
64-Pin Super I/O with LPC Interface
logo
List of Unclassifed Man...
AN221E04 ETC2-AN221E04 Datasheet
434Kb / 21P
Dynamically Reconfigurable FPAA With Enhanced I/O
logo
SMSC Corporation
LPC47N217N-JV SMSC-LPC47N217N-JV Datasheet
167Kb / 5P
64-Pin Super I/O with LPC Interface
logo
Advantech Co., Ltd.
PCL-730 ADVANTECH-PCL-730 Datasheet
165Kb / 1P
32-ch Isolated Digital I/O card with 32 TTL Channels and PCI Interface
logo
Holtek Semiconductor In...
HT1650 HOLTEK-HT1650_10 Datasheet
178Kb / 19P
6432 LCD Controller for I/O MCU
logo
National Instruments Co...
NIPXI-7813R NI-NIPXI-7813R_14 Datasheet
377Kb / 17P
Integrated Analog and Digital I/O with FPGA Technology
NIPXI7851R NI-NIPXI7851R Datasheet
377Kb / 17P
Integrated Analog and Digital I/O with FPGA Technology
logo
Advantech Co., Ltd.
PCIE-1730 ADVANTECH-PCIE-1730_V01 Datasheet
390Kb / 1P
32-Ch TTL, 32-Ch Isolated Digital I/O PCIe Card
27-Jun-2018
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com