Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPMC685 Datasheet (PDF) - TEWS Technologies GmbH

TPMC685 Datasheet PDF - TEWS Technologies GmbH
Part # TPMC685
Download  TPMC685 Download
File Size   189.53 Kbytes
Page   3 Pages
Manufacturer  TEWS [TEWS Technologies GmbH]
Direct Link  https://www.tews.com/
Logo TEWS - TEWS Technologies GmbH
Description 16 x 8 Bit Digital Inputs/Outputs (5V TTL)

TPMC685 Datasheet (PDF)

Go To PDF Page Download Datasheet
TPMC685 Datasheet PDF - TEWS Technologies GmbH

Part # TPMC685
Download  TPMC685 Click to download

File Size   189.53 Kbytes
Page   3 Pages
Manufacturer  TEWS [TEWS Technologies GmbH]
Direct Link  https://www.tews.com/
Logo TEWS - TEWS Technologies GmbH
Description 16 x 8 Bit Digital Inputs/Outputs (5V TTL)

TPMC685 Datasheet (HTML) - TEWS Technologies GmbH


TPMC685 Product details

Application Information
The TPMC685 is a standard single-width 32 bit PMC module offering up to 128 bit of TTL I/O arranged in 16 x 8 bit ports. Direction of the I/O lines is software programmable for each of the ports. Each port is built up using a TTL bus transceiver. Each line is protected against ESD and overvoltage.
Software selectable Pullup / Pulldown Resistors are available on all I/O lines.
Each input can generate an interrupt. Signal edge handling is programmable to interrupt on rising and/or falling edge of the input signal. Interrupts can be enabled and disabled for each bit. For interrupt source detection the status of each bit can be read from the interrupt status register.
To eliminate spikes and glitches, keeping interrupts to a minimum, each port has its own user configurable input filter.
All outputs drive 5V TTL levels with up to 24mA.
It is possible to read or write synchronously all 128 lines.
The first 64 bits of TTL I/O are accessible via the front panel HD68 SCSI-3 type connector and the second 64 bits of TTL I/O via rear panel P14.
TPMC685-11R provides 8 additional ground contacts on the P14 connector. These grounds reduce the number of Back-I/O lines to 56, but improve the signal integrity.
To deal with software faults, the TPMC685 provides a user configurable Watchdog timer. It can set all outputs in a user defined (save) state when the watchdog expires.
Two Timers are included in the TPMC685 for easy implementation of equidistant input sampling or output setting.
Software Support for different operating systems is available.




Similar Part No. - TPMC685

ManufacturerPart #DatasheetDescription
logo
TEWS Technologies GmbH
TPMC680 TEWS-TPMC680 Datasheet
103Kb / 2P
8 x 8 Bit Digital Inputs/Outputs (5V TTL)
2017-08-31
TPMC680-10R TEWS-TPMC680-10R Datasheet
103Kb / 2P
8 x 8 Bit Digital Inputs/Outputs (5V TTL)
2017-08-31
TPMC680-DOC TEWS-TPMC680-DOC Datasheet
103Kb / 2P
8 x 8 Bit Digital Inputs/Outputs (5V TTL)
2017-08-31
TPMC680-DOC TEWS-TPMC680-DOC Datasheet
154Kb / 2P
64 Digital Inputs/Outputs (Bit I/O)
2017-08-31
TPMC680-SW-25 TEWS-TPMC680-SW-25 Datasheet
103Kb / 2P
8 x 8 Bit Digital Inputs/Outputs (5V TTL)
2017-08-31
More results


Similar Description - TPMC685

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
74LVX16245 STMICROELECTRONICS-74LVX16245 Datasheet
248Kb / 10P
16-BIT BUS TRANSCEIVER WITH 3-STATE OUTPUTS, 5V TOLERANT INPUTS
logo
ATMEL Corporation
AT68166F ATMEL-AT68166F_14 Datasheet
373Kb / 16P
TTL-Compatible Inputs and Outputs
logo
Aeroflex Circuit Techno...
UT54ACTQ16245 AEROFLEX-UT54ACTQ16245 Datasheet
150Kb / 12P
RadHard CMOS 16-bit Bidirectional Transceiver, TTL Inputs, and Three-State Outputs
logo
Integrated Silicon Solu...
IS61WV10248EDBLL ISSI-IS61WV10248EDBLL Datasheet
814Kb / 18P
TTL compatible inputs and outputs
IS61WV25632ALL ISSI-IS61WV25632ALL Datasheet
494Kb / 19P
TTL compatible inputs and outputs
IS61WV51216EDALL ISSI-IS61WV51216EDALL Datasheet
921Kb / 19P
TTL compatible inputs and outputs
logo
Micross Components
AS8ER128K32 MICROSS-AS8ER128K32 Datasheet
452Kb / 19P
TTL Compatible Inputs and Outputs
AS8ERLC128K32 MICROSS-AS8ERLC128K32 Datasheet
459Kb / 19P
TTL Compatible Inputs and Outputs
logo
fujitsu semiconductor
MB7137E FUJITSU-MB7137E Datasheet
718Kb / 16P
TTL compatible inputs and outputs
logo
ON Semiconductor
74LCX16373 ONSEMI-74LCX16373 Datasheet
237Kb / 12P
Low Voltage 16-Bit Transparent Latch 5V Tolerant Inputs and Outputs
Revised May 2005
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com