Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPMC680-SW-82 Datasheet (PDF) - TEWS Technologies GmbH

TPMC680-SW-82 Datasheet PDF - TEWS Technologies GmbH
Part # TPMC680-SW-82
Download  TPMC680-SW-82 Download
File Size   103.59 Kbytes
Page   2 Pages
Manufacturer  TEWS [TEWS Technologies GmbH]
Direct Link  https://www.tews.com/
Logo TEWS - TEWS Technologies GmbH
Description 8 x 8 Bit Digital Inputs/Outputs (5V TTL)

TPMC680-SW-82 Datasheet (PDF)

Go To PDF Page Download Datasheet
TPMC680-SW-82 Datasheet PDF - TEWS Technologies GmbH

Part # TPMC680-SW-82
Download  TPMC680-SW-82 Click to download

File Size   103.59 Kbytes
Page   2 Pages
Manufacturer  TEWS [TEWS Technologies GmbH]
Direct Link  https://www.tews.com/
Logo TEWS - TEWS Technologies GmbH
Description 8 x 8 Bit Digital Inputs/Outputs (5V TTL)

TPMC680-SW-82 Datasheet (HTML) - TEWS Technologies GmbH


TPMC680-SW-82 Product details

Application Information
The TPMC680 is a standard single-width 32 bit PMC module offering 64 bit of TTL I/O arranged in 8 x 8 bit ports. Direction of the I/O lines is software programmable for each of the 8 bit ports. Each 8 bit port is built up using a TTL bus transceiver. Each line is protected against ESD and overvoltage.
Each input can generate an interrupt. Signal edge handling is programmable to interrupt on rising and/or falling edge of the input signal. Interrupts can be enabled and disabled for each bit. For interrupt source detection the status of each bit can be read from the interrupt status register.
The TPMC680 supports three basic modes of operation: standard byte I/O with interrupts, 2 x 16 bit port with handshake and 1 x 32 bit port with handshake. The two handshake modes offer double buffered inputs or outputs and interlocked or pulsed handshake output protocol.
In byte I/O mode it is possible to read or write synchronously all 64 lines.
The TPMC680 provides front panel I/O via a HD68 SCSI-3 type connector and rear panel I/O via P14.
Software Support (TPMC680-SW-xx) for different operating systems is available.




Similar Part No. - TPMC680-SW-82

ManufacturerPart #DatasheetDescription
logo
TEWS Technologies GmbH
TPMC680-DOC TEWS-TPMC680-DOC Datasheet
154Kb / 2P
64 Digital Inputs/Outputs (Bit I/O)
2017-08-31
More results


Similar Description - TPMC680-SW-82

ManufacturerPart #DatasheetDescription
logo
LOGIC Devices Incorpora...
LF43881 LODEV-LF43881 Datasheet
82Kb / 11P
8 x 8-bit Digital Filter
logo
National Semiconductor ...
DM54LS471 NSC-DM54LS471 Datasheet
121Kb / 4P
(256 X 8) 2048-BIT TTL PROM
logo
NEC
UPB429 NEC-UPB429 Datasheet
167Kb / 3P
2048 x 8-BIT BIPOLA TTL PROM
logo
Zarlink Semiconductor I...
SP973T8 ZARLINK-SP973T8 Datasheet
82Kb / 8P
30MHz 8-BIT FLASH ADC (TTL/CMOS OUTPUTS)
logo
Cypress Semiconductor
CY7C1079DV33 CYPRESS-CY7C1079DV33 Datasheet
484Kb / 14P
32-Mbit (4 M x 8) Static RAM TTL Compatible Inputs and Outputs
logo
National Semiconductor ...
DM74S473 NSC-DM74S473 Datasheet
104Kb / 6P
(512 x 8) 4096-Bit TTL PROM
November 1990
logo
Force Technologies Ltd
FT28C010-XXXXX-X FORCE-FT28C010-XXXXX-X Datasheet
2Mb / 30P
128K x 8 Bit 5V EEPROM
logo
WAGO Kontakttechnik Gmb...
706-3037-305-100 WAGO-706-3037-305-100 Datasheet
150Kb / 3P
System cable; for Schneider TSX; 8 digital inputs and 8 digital outputs
23.11.2021
706-3037-305-200 WAGO-706-3037-305-200 Datasheet
150Kb / 3P
System cable; for Schneider TSX; 8 digital inputs and 8 digital outputs
23.11.2021
706-3037-305-300 WAGO-706-3037-305-300 Datasheet
150Kb / 3P
System cable; for Schneider TSX; 8 digital inputs and 8 digital outputs
23.11.2021
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com