Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TA301 Datasheet (PDF) - TEWS Technologies GmbH

TA301 Datasheet PDF - TEWS Technologies GmbH
Part # TA301
Download  TA301 Download
File Size   168.83 Kbytes
Page   2 Pages
Manufacturer  TEWS [TEWS Technologies GmbH]
Direct Link  https://www.tews.com/
Logo TEWS - TEWS Technologies GmbH
Description 16/8 Digital Inputs (24V) 16/8 Digital Outputs (24V, 0.5A)

TA301 Datasheet (PDF)

Go To PDF Page Download Datasheet
TA301 Datasheet PDF - TEWS Technologies GmbH

Part # TA301
Download  TA301 Click to download

File Size   168.83 Kbytes
Page   2 Pages
Manufacturer  TEWS [TEWS Technologies GmbH]
Direct Link  https://www.tews.com/
Logo TEWS - TEWS Technologies GmbH
Description 16/8 Digital Inputs (24V) 16/8 Digital Outputs (24V, 0.5A)

TA301 Datasheet (HTML) - TEWS Technologies GmbH


TA301 Product details

Application Information
The TPMC670 is a standard single-width 32 bit PMC with 16 / 8 24V digital inputs galvanically isolated from the computer system by optocoupler. The inputs are also potential free to each other in groups of four inputs. A high performance input circuit ensures a defined switching point and polarization protection against confusing the pole. All inputs have a common electronic debounce circuit with a freely programmable debounce time. All inputs can generate an interrupt. The signal edge handling is programmable to interrupt on rising, falling or both edges of the input signal.
The TPMC670 has 16 / 8 digital high side switches with galvanic isolation from the computer system by optocoupler. The outputs are also isolated against each other in groups of four outputs. All outputs are protected against short-circuit and thermal overload. The output drivers are capable of driving 0.5A continuous per channel. A hardware watchdog clears all outputs in case of trigger fail. The TPMC670-1xR provides front panel I/O, the TPMC670-2xR provides P14 I/O.
Software Support (TDRV003-SW-xx) for different operating systems is available.




Similar Part No. - TA301

ManufacturerPart #DatasheetDescription
logo
TEWS Technologies GmbH
TA301 TEWS-TA301 Datasheet
192Kb / 2P
Carrier for 1 IndustryPack®
2017-09-20
TA301 TEWS-TA301 Datasheet
201Kb / 1P
CompactPCI Carrier for 4 IndustryPacks
2017-08-17
TA301 TEWS-TA301 Datasheet
105Kb / 3P
8 Channel Serial Interface RS232/RS422
2017-08-24
TA301 TEWS-TA301 Datasheet
105Kb / 3P
4 Channel Serial Interface RS232/RS422
2017-08-24
TA301 TEWS-TA301 Datasheet
109Kb / 3P
8 Channel RS232/RS422/RS485 Programmable Serial Interface
2017-08-24
More results


Similar Description - TA301

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TIP700 ETC1-TIP700 Datasheet
83Kb / 1P
16 (8) Digital Outputs, high and low side switches
logo
PHOENIX CONTACT
2742638 PHOENIX-2742638 Datasheet
279Kb / 5P
PROFIBUS-DP/V1 Bus Coupler Station With 16 Digital Inputs and 16 Digital Outputs
2897570 PHOENIX-2897570 Datasheet
744Kb / 16P
Inline Block IO Module for SERCOS III With 16 Digital Inputs and 16 Digital Inputs/Outputs
logo
WAGO Kontakttechnik Gmb...
706-3037-305-100 WAGO-706-3037-305-100 Datasheet
150Kb / 3P
System cable; for Schneider TSX; 8 digital inputs and 8 digital outputs
23.11.2021
706-3037-305-200 WAGO-706-3037-305-200 Datasheet
150Kb / 3P
System cable; for Schneider TSX; 8 digital inputs and 8 digital outputs
23.11.2021
706-3037-305-300 WAGO-706-3037-305-300 Datasheet
150Kb / 3P
System cable; for Schneider TSX; 8 digital inputs and 8 digital outputs
23.11.2021
logo
NHP Electrical Engineer...
1762-IQ16 NHP-1762-IQ16 Datasheet
523Kb / 1P
MicroLogix Digital Input Module 16 Point 24V DC Sink/Source
6 June 2023,
1762-IQ8 NHP-1762-IQ8 Datasheet
524Kb / 1P
MicroLogix Digital Input Module 8 Point 24V DC Sink/Source
6 June 2023,
1762-OB16 NHP-1762-OB16 Datasheet
590Kb / 1P
MicroLogix Digital Output Module 16 Point 24V DC Source
6 June 2023,
1762-OB8 NHP-1762-OB8 Datasheet
590Kb / 1P
MicroLogix Digital Output Module 8 Point 24V DC Source
6 June 2023,
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com