Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1500451 Datasheet (PDF) - PHOENIX CONTACT

1500451 Datasheet PDF - PHOENIX CONTACT
Part # 1500451
Download  1500451 Download
File Size   397.81 Kbytes
Page   10 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description DD31PS 1,5/10-3,81-Y - PCB connector

1500451 Datasheet (PDF)

Go To PDF Page Download Datasheet
1500451 Datasheet PDF - PHOENIX CONTACT

Part # 1500451
Download  1500451 Click to download

File Size   397.81 Kbytes
Page   10 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description DD31PS 1,5/10-3,81-Y - PCB connector

1500451 Datasheet (HTML) - PHOENIX CONTACT


1500451 Product details

PCB connector, nominal cross section: 1.5 mm2, color: black, nominal current: 8 A, rated voltage
(III/2): 160 V, contact surface: Sn, contact connection type: Socket, number of rows: 2, number of
positions: 10, product range: DD31PS 1,5/.., pitch: 3.81 mm, connection method: Push-in spring
connection, conductor/PCB connection direction: 0 °, locking clip: - without locking clip, plug-in
system: CONNEXIS DD, locking: Snap-in locking, mounting method: Latching flange, type of
packaging: packed in cardboard




Similar Part No. - 1500451

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
1500457 FREESCALE-1500457 Datasheet
680Kb / 87P
Integrated Host Processor Hardware Specifications
More results


Similar Description - 1500451

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1849272 PHOENIX-1849272 Datasheet
479Kb / 10P
PCB connector - LPC 1,5/10-ST-3,81-LR
Jul 20, 2022
1849120 PHOENIX-1849120 Datasheet
668Kb / 16P
PCB connector - LPC 1,5/10-STF-3,81
Jul 20, 2022
1848972 PHOENIX-1848972 Datasheet
698Kb / 17P
PCB connector - LPC 1,5/10-ST-3,81
Jul 20, 2022
1341144 PHOENIX-1341144 Datasheet
370Kb / 10P
D31H 2,2/10-FH-3,81-Y - PCB connector
1341278 PHOENIX-1341278 Datasheet
497Kb / 11P
DD31PC 2,2/10-3,81-Y - PCB connector
1341089 PHOENIX-1341089 Datasheet
711Kb / 13P
D31PC 2,2/10-3,81-Y - PCB connector
1341121 PHOENIX-1341121 Datasheet
326Kb / 8P
DD31H 2,2/10-H-3,81-Y - PCB header
1341132 PHOENIX-1341132 Datasheet
316Kb / 8P
D31H 2,2/10-V-3,81-Y - PCB header
1341124 PHOENIX-1341124 Datasheet
319Kb / 8P
D31H 2,2/10-H-3,81-Y - PCB header
1341406 PHOENIX-1341406 Datasheet
322Kb / 8P
DD31H 2,2/10-V-3,81-Y - PCB header
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com