Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1909809 Datasheet (PDF) - PHOENIX CONTACT

1909809 Datasheet PDF - PHOENIX CONTACT
Part # 1909809
Download  1909809 Download
File Size   1020.51 Kbytes
Page   17 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description FKCVR 2,5/11-ST - PCB connector

1909809 Datasheet (PDF)

Go To PDF Page Download Datasheet
1909809 Datasheet PDF - PHOENIX CONTACT

Part # 1909809
Download  1909809 Click to download

File Size   1020.51 Kbytes
Page   17 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description FKCVR 2,5/11-ST - PCB connector

1909809 Datasheet (HTML) - PHOENIX CONTACT


1909809 Product details

PCB connector, nominal cross section: 2.5 mm2, color: green, nominal current: 12 A, rated
voltage (III/2): 320 V, contact surface: Sn, contact connection type: Socket, number of potentials:
11, number of rows: 1, number of positions: 11, number of connections: 11, product range:
FKCVR 2,5/..-ST, pitch: 5 mm, connection method: Push-in spring connection, conductor/PCB
connection direction: 90 °, locking clip: - Locking clip, plug-in system: COMBICON MSTB 2,5,
locking: without, mounting method: without, type of packaging: packed in cardboard




Similar Part No. - 1909809

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
190980 FESTO-190980 Datasheet
80Kb / 1P
Vacuum cup without connector
6/19/22
logo
Molex Electronics Ltd.
190980017 MOLEX4-190980017 Datasheet
94Kb / 2P
Krimptite??Snap Spade Terminal, for 18-22 AWG Wire, Stud Size 5 (M3), 14.86mm(.585") Length
190980017 MOLEX-190980017 Datasheet
132Kb / 14P
PremiumGrade Hand Crimp Tool for Krimptite/Versakrimp Terminals and Splices, 22-10 AWG and 6.0mm² - 0.5mm²
Jun 13, 2025
190980017 MOLEX-190980017 Datasheet
129Kb / 14P
ServiceGrade Hand Crimp Tool - Ratchet
Jun 13, 2025
190980018 MOLEX-190980018 Datasheet
132Kb / 14P
PremiumGrade Hand Crimp Tool for Krimptite/Versakrimp Terminals and Splices, 22-10 AWG and 6.0mm² - 0.5mm²
Jun 13, 2025
More results


Similar Description - 1909809

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1754627 PHOENIX-1754627 Datasheet
782Kb / 20P
MSTB 2,5/11-ST
1909838 PHOENIX-1909838 Datasheet
144Kb / 6P
FKCVR 2,5/14-ST
1792100 PHOENIX-1792100 Datasheet
170Kb / 6P
MVSTBR 2,5/11-ST
1947560 PHOENIX-1947560 Datasheet
42Kb / 2P
Printed-circuit board connector - FKCVR 2,5/ 6-ST-RF
1909977 PHOENIX-1909977 Datasheet
80Kb / 5P
Printed-circuit board connector - FKCVR 2,5/11-STF
1967922 PHOENIX-1967922 Datasheet
62Kb / 4P
Printed-circuit board connector - FKCVR 2,5/ 5-ST-5,08 AU
1874099 PHOENIX-1874099 Datasheet
530Kb / 16P
PCB connector - FKCVR 2,5/16-ST-5,08
Jan 5, 2023
1925786 PHOENIX-1925786 Datasheet
714Kb / 17P
FKC 2,5/11-ST-5,08-RF - PCB connector
1909760 PHOENIX-1909760 Datasheet
1Mb / 24P
FKCVR 2,5/ 7-ST - PCB connector
1912498 PHOENIX-1912498 Datasheet
394Kb / 15P
MVSTBR 2,5 HC/11-ST-5,08 - PCB connector
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com