Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DH-115SL Datasheet (PDF) - SOVICO corp.

DH-115SL Datasheet PDF - SOVICO corp.
Part # DH-115SL
Download  DH-115SL Download
File Size   1073.43 Kbytes
Page   2 Pages
Manufacturer  SOVICO [SOVICO corp.]
Direct Link  http://sovico.co.kr/
Logo SOVICO - SOVICO corp.
Description Single 15” flyable subwoofer

DH-115SL Datasheet (PDF)

Go To PDF Page Download Datasheet
DH-115SL Datasheet PDF - SOVICO corp.

Part # DH-115SL
Download  DH-115SL Click to download

File Size   1073.43 Kbytes
Page   2 Pages
Manufacturer  SOVICO [SOVICO corp.]
Direct Link  http://sovico.co.kr/
Logo SOVICO - SOVICO corp.
Description Single 15” flyable subwoofer

DH-115SL Datasheet (HTML) - SOVICO corp.


DH-115SL Product details

Applications
중소형급 고정형 설치장소 (교회, 강당, 클럽, 공연장)
중소형 공간의 BGM 및 풍부한 사운드가 요구되는 장소
Voice intelligibility가 요구 되는 Vocal, speech 장소
교회, 극장, 강당 고정설치장소

Key features
6” 라인어레이를 위한 15″ Low distortion subwoofer
Flyable and Stackable outstanding subwoofer for DH-6L
풍부한 저역대의 38Hz ~ 1800Hz Frequency response




Similar Part No. - DH-115SL

ManufacturerPart #DatasheetDescription
logo
SOVICO corp.
DH-118PSL SOVICO-DH-118PSL Datasheet
313Kb / 2P
DH Powered sub woofer
2020.11
DH-118S SOVICO-DH-118S Datasheet
1Mb / 2P
Multi purposed Subwoofer
2020.11
More results


Similar Description - DH-115SL

ManufacturerPart #DatasheetDescription
logo
Princeton Technology Co...
PT2350 PTC-PT2350 Datasheet
64Kb / 4P
Tone Control Subwoofer Low Pass Filter IC
logo
New Japan Radio
NJW1136 NJRC-NJW1136 Datasheet
412Kb / 24P
AUDIO PROCESSOR with Subwoofer Output
NJW1168 NJRC-NJW1168 Datasheet
505Kb / 34P
AUDIO PROCESSOR with Input Selector and Subwoofer Output
NJW1176 NJRC-NJW1176 Datasheet
254Kb / 27P
AUDIO PROCESSOR with Subwoofer Output
NJW1163 NJRC-NJW1163 Datasheet
241Kb / 24P
AUDIO PROCESSOR with Subwoofer Output
NJW1166 NJRC-NJW1166 Datasheet
245Kb / 25P
AUDIO PROCESSOR with Subwoofer Output
NJW1167 NJRC-NJW1167 Datasheet
249Kb / 25P
AUDIO PROCESSOR with Subwoofer Output
logo
List of Unclassifed Man...
KSC-WA100 ETC1-KSC-WA100 Datasheet
61Kb / 1P
AKTIVER SUBWOOFER
logo
Princeton Technology Co...
PT2348 PTC-PT2348 Datasheet
235Kb / 5P
4.1-Channel Audio Processor with Subwoofer
PT2348 PTC-PT2348_10 Datasheet
244Kb / 5P
4.1-Channel Audio Processor with Subwoofer
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com