Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GD20PJX65F3S Datasheet (PDF) - StarPower Europe AG

GD20PJX65F3S Datasheet PDF - StarPower Europe AG
Part # GD20PJX65F3S
Download  GD20PJX65F3S Download
File Size   298.48 Kbytes
Page   12 Pages
Manufacturer  STARPOWER [StarPower Europe AG]
Direct Link  www.starpowereurope.com
Logo STARPOWER - StarPower Europe AG
Description 650V/20A PIM in one-package

GD20PJX65F3S Datasheet (PDF)

Go To PDF Page Download Datasheet
GD20PJX65F3S Datasheet PDF - StarPower Europe AG

Part # GD20PJX65F3S
Download  GD20PJX65F3S Click to download

File Size   298.48 Kbytes
Page   12 Pages
Manufacturer  STARPOWER [StarPower Europe AG]
Direct Link  www.starpowereurope.com
Logo STARPOWER - StarPower Europe AG
Description 650V/20A PIM in one-package

GD20PJX65F3S Datasheet (HTML) - StarPower Europe AG


GD20PJX65F3S Product details

General Description
STARPOWER IGBT Power Module provides ultra low conduction loss as well as short circuit ruggedness. They are designed for the applications such as general inverters and UPS.

Features
 Low VCE(sat) Trench IGBT technology
 6μs short circuit capability
 VCE(sat) with positive temperature coefficient
 Maximum junction temperature 175oC
 Low inductance case
 Fast & soft reverse recovery anti-parallel FWD
 Isolated heatsink using DBC technology

Typical Applications
 Inverter for motor drive
 AC and DC servo drive amplifier
 Uninterruptible power supply




Similar Part No. - GD20PJX65F3S

ManufacturerPart #DatasheetDescription
logo
StarPower Europe AG
GD20PJX65F1S STARPOWER-GD20PJX65F1S Datasheet
532Kb / 12P
650V/20A PIM in one-package
4/30/2024
More results


Similar Description - GD20PJX65F3S

ManufacturerPart #DatasheetDescription
logo
Fuji Electric
2MBI300N-060 FUJI-2MBI300N-060 Datasheet
177Kb / 4P
600V / 300A 2 in one-package
7MBR20SC060 FUJI-7MBR20SC060 Datasheet
412Kb / 7P
PIM/Built-in converter with thyristor and brake (S series) 600V / 20A / PIM
3MBI150U-120 FUJI-3MBI150U-120 Datasheet
117Kb / 5P
1200V / 150A 3 in one-package
2MBI200NB-120-01 FUJI-2MBI200NB-120-01 Datasheet
199Kb / 4P
1200V / 200A 2 in one-package
2MBI300S-120 FUJI-2MBI300S-120 Datasheet
853Kb / 4P
1200V / 300A 2 in one-package
2MBI200S-120 FUJI-2MBI200S-120 Datasheet
499Kb / 4P
1200V / 200A 2 in one-package
logo
Rohm
R6520KNZ4 ROHM-R6520KNZ4 Datasheet
2Mb / 15P
Nch 650V 20A Power MOSFET
logo
UnitedSiC.
UJD06520K UNITEDSIC-UJD06520K Datasheet
526Kb / 4P
20A - 650V SiC Schottky Diode...
Rev 1.02
logo
MacMic
MMG50H065XB6TC MACMIC-MMG50H065XB6TC Datasheet
615Kb / 9P
650V 50A PIM Module
November 2022 Version 01
logo
Silicon Supplies
SIS650S20AS SS-SIS650S20AS Datasheet
989Kb / 3P
650V 20A SiC Schottky Diode
Rev 1.0 30/10/23
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com