Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VSC7216-02 Datasheet (PDF) - Vitesse Semiconductor Corporation

VSC7216-02 Datasheet PDF - Vitesse Semiconductor Corporation
Part # VSC7216-02
Download  VSC7216-02 Download
File Size   113.47 Kbytes
Page   2 Pages
Manufacturer  VITESSE [Vitesse Semiconductor Corporation]
Direct Link  http://www.vitesse.com
Logo VITESSE - Vitesse Semiconductor Corporation
Description 02 Low Power Quad 1.25Gb/s Backplane Transceiver

VSC7216-02 Datasheet (PDF)

Go To PDF Page Download Datasheet
VSC7216-02 Datasheet PDF - Vitesse Semiconductor Corporation

Part # VSC7216-02
Download  VSC7216-02 Click to download

File Size   113.47 Kbytes
Page   2 Pages
Manufacturer  VITESSE [Vitesse Semiconductor Corporation]
Direct Link  http://www.vitesse.com
Logo VITESSE - Vitesse Semiconductor Corporation
Description 02 Low Power Quad 1.25Gb/s Backplane Transceiver

VSC7216-02 Datasheet (HTML) - Vitesse Semiconductor Corporation


VSC7216-02 Product details

GENERAL DESCRIPTION:

The VSC7216-02 is a quad channel parallel-to-serial and serial-to-parallel transceiver chip designed for use in high  bandwidth data transmission between busses, backplanes and other subsystems.



FEATURES:

!Compatible to Industry Standard VSC7216-01

!Redundant Transmit and Receive Serial I/O’s

!LVTTL Parallel Data I/O

!Rate Matching Between Upstream/Downstream VSC7216-02’s

!Selectable High Speed Input Termination

!Multi-channel and Multi-chip Aggregation Capability

!Serial Output Swing Reduction Control

!Transmitter Pre-Distortion and Receiver Equalization

!Multiple Clocking Options

!Internal Serial and Parallel Loopback Modes

!JTAG and BIST Enabled

!Optional 8B/10B Encoder/Decoder

!Fast Lock for use in Asynchronous Switching Applications

!Adjustable Latency and Deskewing for Varied SystemEnvironments

!Analog Signal Detect for each PECL Input



SPECIFICATIONS:

!REFCLK: 24.5 - 136MHz

!Tx/Rx REFCLK Offset: 200 ppm

!Serial Input Differential Terminations Adjustable Between 100Ω and 150Ω

!Fast Lock CRU: <128 DataTransitions

!Up to 90 Bit Periods of Inter-channel Deskew

!Tolerates +/- 5 Bit Times of Clock Drift Betweens Resynchronizations

!2.5V Supply, Internal 1.8V Regulator

!700 mW Power Dissipation

!21 x 21mm, or 27 x 27mm 256-pin Thermally Enhanced Ball Grid Array(TBGA)

!Maximum Case Temperature: 110˚C

!Offered Extended Temperature Range as VSC7216-06



APPLICATIONS:

!Backplane Interconnect for Data Communications

!Serial Bus Extension

!Gigabit Ethernet Transceiver

!Fibre Channel Transceiver

!Serial Link Redundancy




Similar Part No. - VSC7216-02

ManufacturerPart #DatasheetDescription
logo
Vitesse Semiconductor C...
VSC7216-01 VITESSE-VSC7216-01 Datasheet
547Kb / 38P
Multi-Gigabit Interconnect Chip
More results


Similar Description - VSC7216-02

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74F3893 PHILIPS-74F3893 Datasheet
72Kb / 10P
Quad futurebus backplane transceiver
1991 Jan 18
logo
ANADIGICS, Inc
ATA121302 ANADIGICS-ATA121302 Datasheet
203Kb / 8P
1.25Gb/s Transimpedance Amplifier
Rev 0.1
logo
Motorola, Inc
MC74F3893A MOTOROLA-MC74F3893A Datasheet
37Kb / 5P
QUAD FUTUREBUS BACKPLANE TRANSCEIVER
logo
Vitesse Semiconductor C...
VSC7226 VITESSE-VSC7226 Datasheet
108Kb / 2P
Quad 3.125Gb/s Backplane Transceiver
logo
Texas Instruments
TLK3104SC TI1-TLK3104SC Datasheet
496Kb / 39P
3.125-Gbps QUAD SERIAL BACKPLANE TRANSCEIVER
logo
Finisar Corporation.
FTLF1518P1BTL FINISAR-FTLF1518P1BTL Datasheet
648Kb / 10P
1.25Gb/s RoHS Compliant Long-Wavelength Pluggable SFP Transceiver
logo
Pulse A Technitrol Comp...
SFPT-CW31-01 PULSE-SFPT-CW31-01 Datasheet
195Kb / 10P
1.25Gb/s CWDM Single-mode SFP Transceiver
SFPT-LX2-01 PULSE-SFPT-LX2-01 Datasheet
205Kb / 10P
1.25Gb/s 1310nm Single-mode SFP Transceiver
SFPT-SX5-01 PULSE-SFPT-SX5-01 Datasheet
205Kb / 10P
1.25Gb/s 850nm Multi-mode SFP Transceiver
SFPT-ZX8-01 PULSE-SFPT-ZX8-01 Datasheet
206Kb / 10P
1.25Gb/s 1550nm Single-mode SFP Transceiver
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com