Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TVME220 Datasheet (PDF) - TEWS Technologies GmbH

TVME220 Datasheet PDF - TEWS Technologies GmbH
Part # TVME220
Download  TVME220 Download
File Size   309.75 Kbytes
Page   3 Pages
Manufacturer  TEWS [TEWS Technologies GmbH]
Direct Link  https://www.tews.com/
Logo TEWS - TEWS Technologies GmbH
Description VME64x Carrier for 4 IndustryPacks

TVME220 Datasheet (PDF)

Go To PDF Page Download Datasheet
TVME220 Datasheet PDF - TEWS Technologies GmbH

Part # TVME220
Download  TVME220 Click to download

File Size   309.75 Kbytes
Page   3 Pages
Manufacturer  TEWS [TEWS Technologies GmbH]
Direct Link  https://www.tews.com/
Logo TEWS - TEWS Technologies GmbH
Description VME64x Carrier for 4 IndustryPacks

TVME220 Datasheet (HTML) - TEWS Technologies GmbH


TVME220 Product details

Application Information
The TVME220 is a 6U VMEbus carrier for up to 4 singlesize
or two double-size IndustryPack (IP) modules used to
build modular, flexible and cost effective I/O solutions for
applications in process control, medical systems,
telecommunication and traffic control.
The TVME220 uses VME64x-compliant connectors to
increase the quantity of rear I/O connectivity beyond that
of standard VME. All of the 200 I/O lines from the 4 IP
slots are available at the VME64x connectors P0 and P2.
The I/O mapping is compliant to the ANSI/VITA 4.1-1996
standard.
Although the rear connectors are VME64x, the electrical
interface is standard VME, so that nearly all CPU products
still have full access to the IP modules mounted on the
TVME220.
Status indicators for IP access, +5V and +/-12V are provided
in the EMI shielded front panel.
A set of 16-position rotary switches allows easy configuration
of VME Short I/O and memory addresses. Interrupt
routing from the IP slots to the VME IRQ’s can be done in
two ways: programmable by software or selection of
predefined sets by a rotary switch.
The IP power lines are fuse protected by self healing fuses
and RF filtered. The operating temperature ranges
between -40°C and +85°C.
TEWS two Transition Modules, TVME001-TM and
TVME002-TM are available for easy access to all IP I/O
lines.




Similar Part No. - TVME220

ManufacturerPart #DatasheetDescription
logo
TEWS Technologies GmbH
TVME200 TEWS-TVME200 Datasheet
312Kb / 2P
VMEbus Carrier for 4 IndustryPacks
2019-09-25
TVME200-10R TEWS-TVME200-10R Datasheet
312Kb / 2P
VMEbus Carrier for 4 IndustryPacks
2019-09-25
TVME200-20R TEWS-TVME200-20R Datasheet
312Kb / 2P
VMEbus Carrier for 4 IndustryPacks
2019-09-25
TVME200-DOC TEWS-TVME200-DOC Datasheet
312Kb / 2P
VMEbus Carrier for 4 IndustryPacks
2019-09-25
TVME201 TEWS-TVME201 Datasheet
310Kb / 2P
VMEbus Carrier for 4 IndustryPacks
2019-09-25
More results


Similar Description - TVME220

ManufacturerPart #DatasheetDescription
logo
CTS Corporation
RT1210B7 CTS-RT1210B7 Datasheet
61Kb / 2P
VME64, VME64x Terminator RoHS Compliant Parts Available
logo
List of Unclassifed Man...
CB-96-G1 ETC2-CB-96-G1 Datasheet
752Kb / 5P
Carrier Board for
logo
TriQuint Semiconductor
TQQ2504 TRIQUINT-TQQ2504_15 Datasheet
241Kb / 1P
Band 25/4 Carrier Aggregation Quadplexer
logo
PHOENIX CONTACT
0811970 PHOENIX-0811970 Datasheet
44Kb / 2P
Terminal strip marker carrier - KLM 4
logo
Renesas Technology Corp
F1701 RENESAS-F1701 Datasheet
1Mb / 25P
Ideal for Multi-Carrier Systems
logo
PHOENIX CONTACT
1013148 PHOENIX-1013148 Datasheet
52Kb / 3P
Conductor marker carrier - PATO 4/15
09/11/2020
logo
WAGO Kontakttechnik Gmb...
2002-401 WAGO-2002-401 Datasheet
59Kb / 3P
Disconnect plug for carrier terminal blocks
24.11.2021
870-138 WAGO-870-138 Datasheet
255Kb / 9P
4-conductor/4-pin, double-deck carrier terminal block
29.12.2021
logo
Renesas Technology Corp
IDTF1751NBGI8 RENESAS-IDTF1751NBGI8 Datasheet
1Mb / 25P
Ideal for Multi-Carrier Systems
Rev1 December 2013
IDTF1763NBGI8 RENESAS-IDTF1763NBGI8 Datasheet
1Mb / 25P
Ideal for Multi-Carrier Systems
RevO December 2013
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com