Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IMX91IEC Datasheet (PDF) - NXP Semiconductors

IMX91IEC Datasheet PDF - NXP Semiconductors
Part # IMX91IEC
Download  IMX91IEC Download
File Size   1913.4 Kbytes
Page   99 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description i.MX 91 Application Processors Data Sheet for Industrial Products

IMX91IEC Datasheet (PDF)

Go To PDF Page Download Datasheet
IMX91IEC Datasheet PDF - NXP Semiconductors

Part # IMX91IEC
Download  IMX91IEC Click to download

File Size   1913.4 Kbytes
Page   99 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description i.MX 91 Application Processors Data Sheet for Industrial Products

IMX91IEC Datasheet (HTML) - NXP Semiconductors


IMX91IEC Product details

Features
One Cortex®-A55 processor operating at up to 1.4 GHz
•32 KB L1 Instruction Cache
•32 KB L1 Data Cache
•256 KB L2 cache
•Media Processing Engine (MPE) with Arm® Neon™ technology supporting the Advanced Single Instruction Multiple Data architecture
•Floating Point Unit (FPU) with support of the Arm® VFPv4-D16 architecture
Supports of 64-bit Arm® v8.2-A architecture
Parity/ECC protection on L1 cache, L2 cache, and TLB RAMs
•Standard pixel formats commonly used in many camera input protocols
•Programmable resolutions up to 2K
•Image processing for:
—Supports one source of up to 2K horizontal resolution
—Supports pixel rate up to 200 Mpixel/s
•Image down scaling via decimation and bi-phase filtering
•Color space conversion
•Interlaced to progressive conversions
Boot ROM (256 KB) for Cortex®-A55
On-chip RAM (384 KB)
16-bit DRAM interface support at up to :
•LPDDR4 with inline ECC
Three Ultra Secure Digital Host Controller (uSDHC) interfaces:
•One eMMC 5.1 (8-bit) compliance with HS400 DDR signaling to support up to 400 MB/sec
•One SDXC (4-bit, no eMMC 5.1, with extended capacity)
•One SDIO (4-bit, SD/SDIO 3.01 compliance with 200 MHz SDR signaling and up to 100 MB/sec)
FlexSPI Flash with support for XIP (for Cortex®-A55 in low-power mode) and support for either one Octal SPI or Quad SPI FLASH device. It also supports both Serial NOR and Serial NAND flash using the FlexSPI.
General-purpose input/output (GPIO) modules with interrupt capability
Input/output multiplexing controller (IOMUXC) to provide centralized pad control
Temperature sensor with programmable trip points
Flexible power domain partitioning with internal power switches to support efficient power management
Trusted Resource Domain Controller (TRDC)
•Supports 16 domains
Arm® TrustZone® (TZ) architecture, including both TrustZone-A
On-chip RAM (OCRAM) secure region protection using OCRAM controller
EdgeLock® secure enclave
Battery Backed Security Module (BBSM)
•Secure Non-Volatile Storage (SNVS)
•Secure real-time clock (RTC)
Arm® CoreSight™ debug and trace technology
Embedded Trace FIFO (ETF) with 4 KB internal storage to provide trace buffering
Unified trace capability for single core Cortex®-A55
Cross Triggering Interface (CTI)
Support for 4-pin (JTAG) debug interface and SWD




Similar Part No. - IMX91IEC

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
IMX91CEC NXP-IMX91CEC Datasheet
1Mb / 100P
i.MX 91 Application Processors Data Sheet for Commercial Products
Rev. 2 12 November 2024
IMX91LP4EVK NXP-IMX91LP4EVK Datasheet
10Mb / 12P
Applications Processor
IMX91LP4EVK-11CM NXP-IMX91LP4EVK-11CM Datasheet
10Mb / 12P
Applications Processor
More results


Similar Description - IMX91IEC

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
IMXRT1024CEC NXP-IMXRT1024CEC Datasheet
1Mb / 90P
i.MX RT1024 Crossover Processors Data Sheet for Consumer Products
Rev. 0, 11/2020
IMXRT1024IEC NXP-IMXRT1024IEC Datasheet
1Mb / 90P
i.MX RT1024 Crossover Processors Data Sheet for Industrial Products
Rev. 0, 11/2020
IMXRT1064CEC NXP-IMXRT1064CEC Datasheet
1Mb / 112P
i.MX RT1064 Crossover Processors Data Sheet for Consumer Products
IMXRT1010IEC NXP-IMXRT1010IEC Datasheet
1Mb / 65P
i.MX RT1010 Crossover Processors Data Sheet for Industrial Products
Rev. 0, 09/2019
IMXRT1015IEC NXP-IMXRT1015IEC Datasheet
1Mb / 71P
i.MX RT1015 Crossover Processors Data Sheet for Industrial Products
Rev. 2, 03/2021
IMXRT1160IEC NXP-IMXRT1160IEC Datasheet
1Mb / 124P
i.MX RT1160 Crossover Processors Data Sheet for Industrial Products
Rev. 0, 04/2021
IMXRT1160XEC NXP-IMXRT1160XEC Datasheet
1Mb / 124P
i.MX RT1160 Crossover Processors Data Sheet for Extended Industrial Products
Rev. 0, 04/2021
IMXRT1170IEC NXP-IMXRT1170IEC Datasheet
2Mb / 130P
i.MX RT1170 Crossover Processors Data Sheet for Industrial Products
Rev. 1, 05/2021
IMXRT1015CEC NXP-IMXRT1015CEC_V01 Datasheet
2Mb / 72P
i.MX RT1015 Crossover Processors Data Sheet for Consumer Products
Rev. 3.1, 03/2022
IMXRT1170AEC NXP-IMXRT1170AEC Datasheet
1Mb / 140P
i.MX RT1170 Crossover Processors Data Sheet for Automotive Products
Rev. 3, 07/2022
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.

The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.

NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.

The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.

NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com