Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HMC-MDB218 Datasheet (PDF) - Hittite Microwave Corporation

HMC-MDB218 Datasheet PDF - Hittite Microwave Corporation
Part # HMC-MDB218
Download  HMC-MDB218 Download
File Size   130.38 Kbytes
Page   4 Pages
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation
Description GaAs MMIC SUB-HARMONIC IRM MIXER, 54 - 64 GHz

HMC-MDB218 Datasheet (PDF)

Go To PDF Page Download Datasheet
HMC-MDB218 Datasheet PDF - Hittite Microwave Corporation

Part # HMC-MDB218
Download  HMC-MDB218 Click to download

File Size   130.38 Kbytes
Page   4 Pages
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation
Description GaAs MMIC SUB-HARMONIC IRM MIXER, 54 - 64 GHz

HMC-MDB218 Datasheet (HTML) - Hittite Microwave Corporation




Similar Part No. - HMC-MDB218

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC-MDB218 HITTITE-HMC-MDB218 Datasheet
187Kb / 6P
GaAs MMIC SUB-HARMONIC IRM MIXER, 54 - 64 GHz
HMC-MDB218 HITTITE-HMC-MDB218_09 Datasheet
187Kb / 6P
GaAs MMIC SUB-HARMONIC IRM MIXER, 54 - 64 GHz
More results


Similar Description - HMC-MDB218

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC265LM3 HITTITE-HMC265LM3 Datasheet
302Kb / 8P
GaAs MMIC SUB-HARMONIC SMT MIXER, 20 - 31 GHz
HMC404 HITTITE-HMC404 Datasheet
237Kb / 8P
GaAs MMIC SUB-HARMONICALLY PUMPED IRM MIXER, 26 - 33 GHz
HMC-MDB169 HITTITE-HMC-MDB169 Datasheet
152Kb / 6P
GaAs MMIC FUNDAMENTAL MIXER, 54 - 64 GHz
HMC798LC4 HITTITE-HMC798LC4_10 Datasheet
256Kb / 8P
GaAs MMIC SUB-HARMONIC SMT MIXER, 24 - 34 GHz
HMC265LM3 HITTITE-HMC265LM3_08 Datasheet
252Kb / 8P
GaAs MMIC SUB-HARMONIC SMT MIXER, 20 - 31 GHz
HMC404 HITTITE-HMC404_08 Datasheet
254Kb / 8P
GaAs MMIC SUB-HARMONICALLY PUMPED IRM MIXER, 26 - 33 GHz
HMC-MDB169 HITTITE-HMC-MDB169_09 Datasheet
159Kb / 6P
GaAs MMIC FUNDAMENTAL MIXER, 54 - 64 GHz
HMC-MDB218 HITTITE-HMC-MDB218_09 Datasheet
187Kb / 6P
GaAs MMIC SUB-HARMONIC IRM MIXER, 54 - 64 GHz
logo
List of Unclassifed Man...
HMC1093 ETC2-HMC1093 Datasheet
514Kb / 10P
GaAs MMIC SUB HARMONIC MIXER, 37 - 46.5 GHz
logo
Analog Devices
HMC404 AD-HMC404 Datasheet
361Kb / 8P
GaAs MMIC SUB-HARMONICALLY PUMPED IRM MIXER, 26 - 33 GHz
More results




About Hittite Microwave Corporation


Hittite Microwave Corporation was a semiconductor company that designed and manufactured high-performance integrated circuits (ICs), modules, and subsystems for radio frequency (RF), microwave, and millimeter-wave applications. The company was founded in 1985 and was based in Chelmsford, Massachusetts.

Hittite Microwave's products were used in various applications, including cellular infrastructure, test and measurement equipment, military and aerospace, broadband, and fiber optics. The company's product portfolio included amplifiers, mixers, switches, attenuators, synthesizers, and other RF and microwave components.

In 2014, Analog Devices, Inc. (ADI), a leading semiconductor company specializing in signal processing and analog technologies, acquired Hittite Microwave Corporation for approximately $2.45 billion. After the acquisition, Hittite Microwave became part of ADI's RF and Microwave business unit.

Today, Analog Devices, Inc. continues to provide high-performance RF and microwave products and solutions for a broad range of applications, leveraging the expertise and technologies gained through the acquisition of Hittite Microwave Corporation.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com