Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1029337 Datasheet (PDF) - PHOENIX CONTACT

1029337 Datasheet PDF - PHOENIX CONTACT
Part # 1029337
Download  1029337 Download
File Size   206.29 Kbytes
Page   5 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description FBP-3F/12 3U AUX - Blind plug

1029337 Datasheet (PDF)

Go To PDF Page Download Datasheet
1029337 Datasheet PDF - PHOENIX CONTACT

Part # 1029337
Download  1029337 Click to download

File Size   206.29 Kbytes
Page   5 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description FBP-3F/12 3U AUX - Blind plug

1029337 Datasheet (HTML) - PHOENIX CONTACT


1029337 Product details

Blind plug, nom. voltage: 250 V, nominal current: 24 A, Rated cross section: 6 mm2, color: gray
Commercial data
Item number 1029337
Packing unit 1 pc
Minimum order quantity 1 pc
Sales key BE06
Product key BE6114
Catalog page Page 651 (C-1-2019)
GTIN 4055626531373
Weight per piece (including packing) 22.22 g
Weight per piece (excluding packing) 22.22 g
Customs tariff number 85389099
Country of origin PL
FBP-3F/12 3U AUX - Blind plug
1029337
https://www.phoenixcontact.com/us/products/1029337
Mar 10,




Similar Part No. - 1029337

ManufacturerPart #DatasheetDescription
logo
Weidmuller
1029330000 WEIDMULLER-1029330000 Datasheet
467Kb / 5P
BCL-SMT 3.81/08/180LFI 1.5SN BK BX
logo
PHOENIX CONTACT
1029334 PHOENIX-1029334 Datasheet
294Kb / 6P
FLX-D37M/SHORTING PLUG - Plug-in bridge
1029338 PHOENIX-1029338 Datasheet
205Kb / 5P
FBP-3F/14 AUX - Blind plug
1029339 PHOENIX-1029339 Datasheet
213Kb / 6P
FBP-3F/14 4U AUX - Blind plug
More results


Similar Description - 1029337

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0934941000 MOLEX1-0934941000 Datasheet
38Kb / 1P
ML-XT Blind Cavity Plug
logo
Pepperl+Fuchs Inc.
ICZ-AIDA1-B PF-ICZ-AIDA1-B Datasheet
537Kb / 1P
Blind plug
VAZ-G4-B1 PF-VAZ-G4-B1 Datasheet
93Kb / 1P
Blind plug
VAZ-V1-B1 PF-VAZ-V1-B1 Datasheet
76Kb / 1P
Blind plug
VAZ-V1-B3 PF-VAZ-V1-B3 Datasheet
138Kb / 1P
Blind plug
VAZ-V1S-B PF-VAZ-V1S-B Datasheet
83Kb / 1P
Blind plug
VAZ-V3-B PF-VAZ-V3-B Datasheet
97Kb / 1P
Blind plug
logo
PHOENIX CONTACT
3069875 PHOENIX-3069875 Datasheet
80Kb / 5P
Dummy plug - FBP-2/4
09/12/2020
logo
Pepperl+Fuchs Inc.
V1-BV PF-V1-BV Datasheet
249Kb / 1P
Blind plug
2020-03-24
logo
Burland Technology Solu...
FBP-STO279 BURLAND-FBP-STO279 Datasheet
886Kb / 2P
FBP-STO279
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com