Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2909646 Datasheet (PDF) - PHOENIX CONTACT

2909646 Datasheet PDF - PHOENIX CONTACT
Part # 2909646
Download  2909646 Download
File Size   1100.58 Kbytes
Page   13 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description MSTBO 2,5/ 3-G1L BK - PCB header

2909646 Datasheet (PDF)

Go To PDF Page Download Datasheet
2909646 Datasheet PDF - PHOENIX CONTACT

Part # 2909646
Download  2909646 Click to download

File Size   1100.58 Kbytes
Page   13 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description MSTBO 2,5/ 3-G1L BK - PCB header

2909646 Datasheet (HTML) - PHOENIX CONTACT


2909646 Product details

PCB headers, nominal cross section: 2.5 mm2, color: black, nominal current: 12 A, rated voltage
(III/2): 320 V, contact surface: Sn, contact connection type: Pin, number of potentials: 3, number
of rows: 1, number of positions: 3, number of connections: 3, product range: MSTBO 2,5/..-G1L,
pitch: 5 mm, mounting: Wave soldering, pin layout: Linear pinning, solder pin [P]: 3.5 mm,
number of solder pins per potential: 1, plug-in system: COMBICON MSTB 2,5, Pin connector
pattern alignment: Orthogonal, locking: without, type of packaging: packed in cardboard, Product
with pin output on left side




Similar Part No. - 2909646

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
2909648 PHOENIX-2909648 Datasheet
568Kb / 11P
PLC-RSC- 12DC/21/MS - Relay module
2909649 PHOENIX-2909649 Datasheet
225Kb / 18P
Relay Module - PLC-RSC- 24DC/21/MS
09/12/2020
More results


Similar Description - 2909646

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1861028 PHOENIX-1861028 Datasheet
74Kb / 4P
Base strip - MSTBO 2,5/ 3-G1L GN
1861057 PHOENIX-1861057 Datasheet
88Kb / 6P
Base strip - MSTBO 2,5/ 2-G1L
2853750 PHOENIX-2853750 Datasheet
85Kb / 6P
Base strip - MSTBO 2,5/ 3-G1L KMGY
2854555 PHOENIX-2854555 Datasheet
58Kb / 3P
Base strip - MSTBO 2,5/ 4-G1L GY
2200251 PHOENIX-2200251 Datasheet
98Kb / 5P
Base strip - MSTBO 2,5/ 2-G1L THRR32 BK
2853145 PHOENIX-2853145 Datasheet
58Kb / 4P
Base strip - MSTBO 2,5/ 3-G1L BUGY
2907790 PHOENIX-2907790 Datasheet
81Kb / 5P
Feed-through header - MSTBO 2,5/ 4-G1L BU
2915216 PHOENIX-2915216 Datasheet
164Kb / 5P
MSTBO 2,5/ 3 G1L THRR44 BK
2915229 PHOENIX-2915229 Datasheet
176Kb / 5P
MSTBO 2,5/ 3 G1R THRR44 BK
2854788 PHOENIX-2854788 Datasheet
129Kb / 9P
Feed-through header - MSTBO 2,5/ 2-G1L KMGY
09/12/2020
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com