Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MM3Z20 Datasheet (PDF) - SAMYANG ELECTRONICS CO.,LTD.

MM3Z20 Datasheet PDF - SAMYANG ELECTRONICS CO.,LTD.
Part # MM3Z20
Download  MM3Z20 Download
File Size   2429.78 Kbytes
Page   4 Pages
Manufacturer  SAMYANG [SAMYANG ELECTRONICS CO.,LTD.]
Direct Link  www.diode.co.kr
Logo SAMYANG - SAMYANG ELECTRONICS CO.,LTD.
Description 0.3W SILICON PLANAR ZENER DIODES

MM3Z20 Datasheet (PDF)

Go To PDF Page Download Datasheet
MM3Z20 Datasheet PDF - SAMYANG ELECTRONICS CO.,LTD.

Part # MM3Z20
Download  MM3Z20 Click to download

File Size   2429.78 Kbytes
Page   4 Pages
Manufacturer  SAMYANG [SAMYANG ELECTRONICS CO.,LTD.]
Direct Link  www.diode.co.kr
Logo SAMYANG - SAMYANG ELECTRONICS CO.,LTD.
Description 0.3W SILICON PLANAR ZENER DIODES

MM3Z20 Datasheet (HTML) - SAMYANG ELECTRONICS CO.,LTD.


MM3Z20 Product details

FEATURES
Total power dissipation:max.300 mW
Small plastic package suitable for surface mounted design
Tolerance approximately ±5%
High temperature soldering guaranteed:260℃/10 seconds at terminals
Component in accordance to RoHS 2002/95/EC and WEEE 2002/96/EC




Similar Part No. - MM3Z20

ManufacturerPart #DatasheetDescription
logo
Diotec Semiconductor
MM3Z20 DIOTEC-MM3Z20 Datasheet
48Kb / 2P
Surface mount Zener Diodes
logo
SEMTECH ELECTRONICS LTD...
MM3Z20 SEMTECH_ELEC-MM3Z20 Datasheet
254Kb / 4P
SILICON PLANAR ZENER DIODES
logo
Shenzhen Jin Yu Semicon...
MM3Z20 HTSEMI-MM3Z20 Datasheet
632Kb / 4P
Silicon Planar Zener Diodes
logo
SUNMATE electronic Co.,...
MM3Z20 SUNMATE-MM3Z20 Datasheet
1Mb / 2P
200mW Surface Mount Zener Diodes
logo
Microdiode Semiconducto...
MM3Z20 CHENDA-MM3Z20 Datasheet
526Kb / 5P
200mW Surface Mount Zener Diode
More results


Similar Description - MM3Z20

ManufacturerPart #DatasheetDescription
logo
General Semiconductor
ZMM1 GE-ZMM1 Datasheet
351Kb / 8P
Silicon Planar Zener Diodes
logo
GOOD-ARK Electronics
1N746 GOOD-ARK-1N746 Datasheet
33Kb / 3P
SILICON PLANAR ZENER DIODES
logo
Shenzhen Jin Yu Semicon...
MM1Z2V0 HTSEMI-MM1Z2V0 Datasheet
236Kb / 4P
SILICON PLANAR ZENER DIODES
MM3Z2V2B HTSEMI-MM3Z2V2B Datasheet
675Kb / 4P
Silicon Planar Zener Diodes
ZMM1 HTSEMI-ZMM1 Datasheet
1Mb / 8P
SILICON PLANAR ZENER DIODES
logo
Gaomi Xinghe Electronic...
MM3Z2V0 GXELECTRONICS-MM3Z2V0 Datasheet
449Kb / 3P
0.3W SILICON PLANAR ZENER DIODES
logo
Continental Device Indi...
BZX85C2V7 CDIL-BZX85C2V7 Datasheet
108Kb / 3P
SILICON PLANAR ZENER DIODES
logo
Jinan Jing Heng Electro...
MM3Z2V0 JINGHENG-MM3Z2V0 Datasheet
68Kb / 3P
0.3W SILICON PLANAR ZENER DIODES
MM3Z2V0B JINGHENG-MM3Z2V0B Datasheet
68Kb / 3P
0.3W SILICON PLANAR ZENER DIODES
logo
Jinan Jingheng (Group) ...
MM3Z2V0 JINANJINGHENG-MM3Z2V0 Datasheet
530Kb / 4P
0.3W SILICON PLANAR ZENER DIODES
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com