Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

3074105 Datasheet (PDF) - PHOENIX CONTACT

3074105 Datasheet PDF - PHOENIX CONTACT
Part # 3074105
Download  3074105 Download
File Size   764.43 Kbytes
Page   15 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description FAME 6/121 - Test terminal strip

3074105 Datasheet (PDF)

Go To PDF Page Download Datasheet
3074105 Datasheet PDF - PHOENIX CONTACT

Part # 3074105
Download  3074105 Click to download

File Size   764.43 Kbytes
Page   15 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description FAME 6/121 - Test terminal strip

3074105 Datasheet (HTML) - PHOENIX CONTACT


3074105 Product details

Test terminal strip, nom. voltage: 400 V, nominal current: 24 A, number of connections: 26,
number of positions: 13, connection method: Screw connection, 1 level, Rated cross section: 6
mm2, cross section: 0.2 mm2 - 10 mm2, mounting type: Panel mounting, color: gray




Similar Part No. - 3074105

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
3074100 PHOENIX-3074100 Datasheet
763Kb / 15P
FAME 6/41 - Test terminal strip
3074101 PHOENIX-3074101 Datasheet
761Kb / 15P
FAME 6/41 BI - Test terminal strip
3074102 PHOENIX-3074102 Datasheet
763Kb / 15P
FAME 6/61 - Test terminal strip
3074103 PHOENIX-3074103 Datasheet
763Kb / 15P
FAME 6/61 BI - Test terminal strip
3074104 PHOENIX-3074104 Datasheet
763Kb / 15P
FAME 6/81 - Test terminal strip
More results


Similar Description - 3074105

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
3969925 PHOENIX-3969925 Datasheet
98Kb / 6P
Test terminal strip - RSCWE 6-3/9
3969927 PHOENIX-3969927 Datasheet
94Kb / 6P
Test terminal strip - RSCWE 6-3/12
3969956 PHOENIX-3969956 Datasheet
80Kb / 4P
Test terminal strip - RSCWE 6-3/17
3969957 PHOENIX-3969957 Datasheet
81Kb / 4P
Test terminal strip - RSCWE 6-3/18
3969958 PHOENIX-3969958 Datasheet
81Kb / 4P
Test terminal strip - RSCWE 6-3/19
3969959 PHOENIX-3969959 Datasheet
83Kb / 4P
Test terminal strip - RSCWE 6-3/20
3026285 PHOENIX-3026285 Datasheet
118Kb / 8P
Test disconnect terminal block - UGSK 6
3029965 PHOENIX-3029965 Datasheet
68Kb / 6P
Test disconnect terminal block - SGSK 6
3069673 PHOENIX-3069673 Datasheet
238Kb / 22P
Test terminal strip - UTWE 6-2/20
09/12/2020
3969928 PHOENIX-3969928 Datasheet
271Kb / 24P
Test terminal strip - RSCWE 6-3/14
09/12/2020
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com