Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SG8050 Datasheet (PDF) - Solid State Inc

SG8050 Datasheet PDF - Solid State Inc
Part # SG8050
Download  SG8050 Download
File Size   756.45 Kbytes
Page   15 Pages
Manufacturer  SOLIDSTATE [Solid State Inc]
Direct Link  https://www.solidstateinc.com/
Logo SOLIDSTATE - Solid State Inc
Description IGBT / MOSFET Gate Drives

SG8050 Datasheet (PDF)

Go To PDF Page Download Datasheet
SG8050 Datasheet PDF - Solid State Inc

Part # SG8050
Download  SG8050 Click to download

File Size   756.45 Kbytes
Page   15 Pages
Manufacturer  SOLIDSTATE [Solid State Inc]
Direct Link  https://www.solidstateinc.com/
Logo SOLIDSTATE - Solid State Inc
Description IGBT / MOSFET Gate Drives

SG8050 Datasheet (HTML) - Solid State Inc


SG8050 Product details

Applications
 IGBT / MOSFET Gate Drives
 AC & Brushless DC Motor Drives
 Industrial Inverters
 Uninterruptable Power Supplies (UPS)
 Switch Mode Power Supplies

Features
 High Common Mode Rejection: 15kV/S
minimum @ VCM = 1500V
 0.6A Maximum Peak Output Current
 Fast Switching Speeds
o 500nS Maximum Propagation Delay
 ICC=3.5mA Maximum Supply Current
 Wide Supply Voltage Range (15V to 30V)
 Under Voltage Lockout Protection (UVLO) with
Hysteresis
 Broad Temperature Performance Range
(-40°C to 100°C)
 Low Power Dissipation (RON ≤ 1Ω)
 Rail-to-Rail Output Voltage
 High Input to Output Isolation (5kVRMS)
 RoHS / Pb-Free / REACH Compliant




Similar Part No. - SG8050

ManufacturerPart #DatasheetDescription
logo
Solid State Optronic
SG8050 SSOUSA-SG8050 Datasheet
734Kb / 15P
IGBT Gate Drive Optocoupler
More results


Similar Description - SG8050

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRS23365DMPBF IRF-IRS23365DMPBF Datasheet
594Kb / 37P
Drives up to six IGBT/MOSFET power devices
AUIRS2112S IRF-AUIRS2112S_15 Datasheet
428Kb / 23P
Drives IGBT/MOSFET power devices
AUIRS2336S IRF-AUIRS2336S_15 Datasheet
665Kb / 37P
Drives up to six IGBT/MOSFET power devices
logo
CT Micro International ...
CT3120 CTMICRO-CT3120 Datasheet
1Mb / 15P
2.5A MOSFET/IGBT Gate Driver Optocoupler
logo
ISOCOM COMPONENTS
ICPL3120 ISOCOM-ICPL3120 Datasheet
1Mb / 14P
IGBT/MOSFET Gate Drive
IS314P ISOCOM-IS314P Datasheet
3Mb / 17P
IGBT/MOSFET Gate Drive
IS314W ISOCOM-IS314W Datasheet
991Kb / 17P
IGBT/MOSFET Gate Drive
IS341W ISOCOM-IS341W Datasheet
1Mb / 17P
IGBT/MOSFET Gate Drive
IS480P ISOCOM-IS480P Datasheet
1Mb / 15P
Isolated IGBT/MOSFET Gate Drive
logo
Infineon Technologies A...
IRS23365DM INFINEON-IRS23365DM Datasheet
594Kb / 37P
Drives up to six IGBT/MOSFET power devices
3 December, 2012
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com