Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1003222 Datasheet (PDF) - PHOENIX CONTACT

1003222 Datasheet PDF - PHOENIX CONTACT
Part # 1003222
Download  1003222 Download
File Size   200.36 Kbytes
Page   6 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description UK 6 N GN - Feed-through terminal block

1003222 Datasheet (PDF)

Go To PDF Page Download Datasheet
1003222 Datasheet PDF - PHOENIX CONTACT

Part # 1003222
Download  1003222 Click to download

File Size   200.36 Kbytes
Page   6 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description UK 6 N GN - Feed-through terminal block

1003222 Datasheet (HTML) - PHOENIX CONTACT


1003222 Product details

Feed-through terminal block, nom. voltage: 800 V, nominal current: 41 A, number of
connections: 2, number of positions: 1, connection method: Screw connection, Rated cross
section: 6 mm2, cross section: 0.2 mm2 - 10 mm2, mounting type: NS 35/7,5, NS 35/15, color:
green




Similar Part No. - 1003222

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
100322 NSC-100322 Datasheet
104Kb / 6P
Low Power 9-Bit Buffer
logo
Fairchild Semiconductor
100322 FAIRCHILD-100322 Datasheet
64Kb / 6P
Low Power 9-Bit Buffer
logo
PHOENIX CONTACT
1003223 PHOENIX-1003223 Datasheet
186Kb / 5P
EMT (50X18,8)R GY - Insert label
1003224 PHOENIX-1003224 Datasheet
185Kb / 5P
EMT (50X18,8)R - Insert label
logo
National Semiconductor ...
100322D NSC-100322D Datasheet
104Kb / 6P
Low Power 9-Bit Buffer
More results


Similar Description - 1003222

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
0719139 PHOENIX-0719139 Datasheet
64Kb / 5P
Feed-through terminal block - UK 3 N RD
0719168 PHOENIX-0719168 Datasheet
64Kb / 5P
Feed-through terminal block - UK 3 N BK
0719223 PHOENIX-0719223 Datasheet
80Kb / 6P
Feed-through terminal block - UK 6 N RD
0719236 PHOENIX-0719236 Datasheet
70Kb / 6P
Feed-through terminal block - UK 6 N BK
0719249 PHOENIX-0719249 Datasheet
72Kb / 6P
Feed-through terminal block - UK 6 N YE
3004016 PHOENIX-3004016 Datasheet
63Kb / 5P
Feed-through terminal block - UK 5
3022328 PHOENIX-3022328 Datasheet
81Kb / 6P
Feed-through terminal block - UK 10 N BK
3048276 PHOENIX-3048276 Datasheet
74Kb / 6P
Feed-through terminal block - UK 10 N BD:GNYE
1291913 PHOENIX-1291913 Datasheet
809Kb / 27P
Feed-through terminal block - PTV 6 GN
1923160 PHOENIX-1923160 Datasheet
236Kb / 21P
Feed-through terminal block - UK 5-TWIN GN
09/12/2020
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com