Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

3005028 Datasheet (PDF) - PHOENIX CONTACT

3005028 Datasheet PDF - PHOENIX CONTACT
Part # 3005028
Download  3005028 Download
File Size   199.79 Kbytes
Page   6 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description UK 10-PR - Feed-through terminal block

3005028 Datasheet (PDF)

Go To PDF Page Download Datasheet
3005028 Datasheet PDF - PHOENIX CONTACT

Part # 3005028
Download  3005028 Click to download

File Size   199.79 Kbytes
Page   6 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description UK 10-PR - Feed-through terminal block

3005028 Datasheet (HTML) - PHOENIX CONTACT


3005028 Product details

Feed-through terminal block, with test socket screws on the right, for accommodating test plugs,
nom. voltage: 400 V, nominal current: 41 A, number of connections: 2, connection method:
Screw connection, Rated cross section: 6 mm2, cross section: 0.5 mm2 - 10 mm2, mounting type:
NS 32, NS 35/7,5, NS 35/15, color: gray




Similar Part No. - 3005028

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
30050-33 NSC-30050-33 Datasheet
4Mb / 244P
Geode??GXm Processor Integrated x86 Solution with MMX Support
logo
PHOENIX CONTACT
3005015 PHOENIX-3005015 Datasheet
134Kb / 5P
UK 10
logo
List of Unclassifed Man...
3005073 ETC2-3005073 Datasheet
178Kb / 10P
Extract from the online catalog
logo
PHOENIX CONTACT
3005073 PHOENIX-3005073 Datasheet
172Kb / 8P
UK 10 N
3005086 PHOENIX-3005086 Datasheet
163Kb / 6P
UK 10 N BU
More results


Similar Description - 3005028

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
3002513 PHOENIX-3002513 Datasheet
67Kb / 5P
Feed-through terminal block - UK 3-RETURN
3004016 PHOENIX-3004016 Datasheet
63Kb / 5P
Feed-through terminal block - UK 5
3006098 PHOENIX-3006098 Datasheet
158Kb / 16P
Feed-through terminal block - UK 16 BU
3008009 PHOENIX-3008009 Datasheet
178Kb / 16P
Feed-through terminal block - UK 35-IB
3022328 PHOENIX-3022328 Datasheet
81Kb / 6P
Feed-through terminal block - UK 10 N BK
3048276 PHOENIX-3048276 Datasheet
74Kb / 6P
Feed-through terminal block - UK 10 N BD:GNYE
3048277 PHOENIX-3048277 Datasheet
89Kb / 6P
Feed-through terminal block - UK 10 N-FE
3048315 PHOENIX-3048315 Datasheet
74Kb / 6P
Feed-through terminal block - UK 35 BK
3048328 PHOENIX-3048328 Datasheet
188Kb / 18P
Feed-through terminal block - UK 35 RD
3048219 PHOENIX-3048219 Datasheet
217Kb / 17P
Feed-through terminal block - UK 35-FE
09/12/2020
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com