Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

3038531 Datasheet (PDF) - PHOENIX CONTACT

3038531 Datasheet PDF - PHOENIX CONTACT
Part # 3038531
Download  3038531 Download
File Size   210.46 Kbytes
Page   6 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description STTB 2,5-TWIN-PE/L - Feed-through terminal block

3038531 Datasheet (PDF)

Go To PDF Page Download Datasheet
3038531 Datasheet PDF - PHOENIX CONTACT

Part # 3038531
Download  3038531 Click to download

File Size   210.46 Kbytes
Page   6 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description STTB 2,5-TWIN-PE/L - Feed-through terminal block

3038531 Datasheet (HTML) - PHOENIX CONTACT


3038531 Product details

Feed-through terminal block, nom. voltage: 500 V, nominal current: 22 A, connection method:
Spring-cage connection, 1st and 2nd level, Rated cross section: 2.5 mm2, cross section: 0.08
mm2 - 4 mm2, mounting type: NS 35/7,5, NS 35/15, color: gray




Similar Part No. - 3038531

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
3038532 PHOENIX-3038532 Datasheet
275Kb / 24P
Protective conductor double-level terminal block - STTB 2,5-TWINPE
09/12/2020
More results


Similar Description - 3038531

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
3033074 PHOENIX-3033074 Datasheet
115Kb / 11P
Feed-through terminal block - STU 4-TWIN-PE
3036314 PHOENIX-3036314 Datasheet
150Kb / 5P
STTB 2,5-PE/L
3050060 PHOENIX-3050060 Datasheet
162Kb / 16P
Feed-through terminal block - QTCU 1,5-TWIN-PE
3050316 PHOENIX-3050316 Datasheet
176Kb / 17P
Feed-through terminal block - QTCU 2,5-TWIN BU
3050329 PHOENIX-3050329 Datasheet
166Kb / 16P
Feed-through terminal block - QTCU 2,5-TWIN-PE
3050332 PHOENIX-3050332 Datasheet
167Kb / 17P
Feed-through terminal block - QTCS 2,5-TWIN
3050358 PHOENIX-3050358 Datasheet
166Kb / 16P
Feed-through terminal block - QTCS 2,5-TWIN-PE
3211253 PHOENIX-3211253 Datasheet
89Kb / 5P
Feed-through terminal block - PT 2,5-TWIN BN
3206461 PHOENIX-3206461 Datasheet
689Kb / 26P
Feed-through terminal block - QTC 2,5-TWIN BU
3037504 PHOENIX-3037504 Datasheet
234Kb / 21P
Feed-through terminal block - STS 2,5-TWIN OG
09/12/2020
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com