Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

3050317 Datasheet (PDF) - PHOENIX CONTACT

3050317 Datasheet PDF - PHOENIX CONTACT
Part # 3050317
Download  3050317 Download
File Size   235.94 Kbytes
Page   7 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description QTCU 2,5-TWIN-MT BU - Knife-disconnect terminal block

3050317 Datasheet (PDF)

Go To PDF Page Download Datasheet
3050317 Datasheet PDF - PHOENIX CONTACT

Part # 3050317
Download  3050317 Click to download

File Size   235.94 Kbytes
Page   7 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description QTCU 2,5-TWIN-MT BU - Knife-disconnect terminal block

3050317 Datasheet (HTML) - PHOENIX CONTACT


3050317 Product details

Knife-disconnect terminal block, nom. voltage: 400 V, nominal current: 20 A, connection method:
Quick connection, Rated cross section: 2.5 mm2, cross section: 0.5 mm2 - 2.5 mm2, connection
method: Screw connection, Rated cross section: 2.5 mm2, cross section: 0.14 mm2 - 6 mm2,
mounting: NS 35/7,5, NS 35/15, color: blue




Similar Part No. - 3050317

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
3050316 PHOENIX-3050316 Datasheet
176Kb / 17P
Feed-through terminal block - QTCU 2,5-TWIN BU
More results


Similar Description - 3050317

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
3037834 PHOENIX-3037834 Datasheet
135Kb / 14P
Knife disconnect terminal block - ST 2,5-QUATTRO-MT BU
3046566 PHOENIX-3046566 Datasheet
174Kb / 17P
Knife disconnect terminal block - UT 2,5-MT P/P BU
3050316 PHOENIX-3050316 Datasheet
176Kb / 17P
Feed-through terminal block - QTCU 2,5-TWIN BU
3073021 PHOENIX-3073021 Datasheet
143Kb / 15P
Knife disconnect terminal block - UT 4-TWIN-MT P/P BU
3210177 PHOENIX-3210177 Datasheet
201Kb / 24P
Knife disconnect terminal block - PT 2,5-TWIN-MTB BU
3210257 PHOENIX-3210257 Datasheet
64Kb / 4P
Knife disconnect terminal block - PTT 2,5-L/MT BU
3210312 PHOENIX-3210312 Datasheet
62Kb / 4P
Knife disconnect terminal block - PT 1,5/S-TWIN-MT BU
3036356 PHOENIX-3036356 Datasheet
514Kb / 23P
Knife disconnect terminal block - ST 2,5-TWIN-MT
3037818 PHOENIX-3037818 Datasheet
501Kb / 23P
Knife disconnect terminal block - ST 2,5-MT BU
1079064 PHOENIX-1079064 Datasheet
266Kb / 25P
Knife disconnect terminal block - PTV 2,5-MT BU
09/12/2020
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com