Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

3270111 Datasheet (PDF) - PHOENIX CONTACT

3270111 Datasheet PDF - PHOENIX CONTACT
Part # 3270111
Download  3270111 Download
File Size   241.71 Kbytes
Page   7 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description PTC 2,5-TWIN-MTD BU - Feed-through terminal block

3270111 Datasheet (PDF)

Go To PDF Page Download Datasheet
3270111 Datasheet PDF - PHOENIX CONTACT

Part # 3270111
Download  3270111 Click to download

File Size   241.71 Kbytes
Page   7 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description PTC 2,5-TWIN-MTD BU - Feed-through terminal block

3270111 Datasheet (HTML) - PHOENIX CONTACT


3270111 Product details

Feed-through terminal block, nom. voltage: 400 V, nominal current: 24 A, number of
connections: 2, connection method: Push-in connection, 1 level, Rated cross section: 2.5 mm2,
cross section: 0.14 mm2 - 4 mm2, mounting type: NS 35/7,5, NS 35/15, color: blue




Similar Part No. - 3270111

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
3270115 PHOENIX-3270115 Datasheet
831Kb / 33P
Marshalling panel - PTRV 4 /WH
May 16, 2022
3270117 PHOENIX-3270117 Datasheet
823Kb / 31P
Marshalling panel - PTRV 4 /GY
May 16, 2022
3270118 PHOENIX-3270118 Datasheet
825Kb / 31P
Marshalling panel - PTRV 4 BU/BU
Jun 2, 2022
3270119 PHOENIX-3270119 Datasheet
829Kb / 32P
Marshalling panel - PTRV 4 BU/WH
Jun 2, 2022
More results


Similar Description - 3270111

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
3050316 PHOENIX-3050316 Datasheet
176Kb / 17P
Feed-through terminal block - QTCU 2,5-TWIN BU
3050345 PHOENIX-3050345 Datasheet
175Kb / 17P
Feed-through terminal block - QTCS 2,5-TWIN BU
3064111 PHOENIX-3064111 Datasheet
154Kb / 17P
Feed-through terminal block - UT 2,5-MTD P/P BU
3210317 PHOENIX-3210317 Datasheet
66Kb / 5P
Feed-through terminal block - PT 1,5/S-TWIN-MTD
3210319 PHOENIX-3210319 Datasheet
61Kb / 4P
Feed-through terminal block - PT 1,5/S-TWIN-MTD BU
3211906 PHOENIX-3211906 Datasheet
97Kb / 6P
Feed-through terminal block - PTS 2,5-TWIN BU
3270106 PHOENIX-3270106 Datasheet
79Kb / 6P
Feed-through terminal block - PTC 2,5-MTD
3206461 PHOENIX-3206461 Datasheet
689Kb / 26P
Feed-through terminal block - QTC 2,5-TWIN BU
3064108 PHOENIX-3064108 Datasheet
486Kb / 22P
Feed-through terminal block - UT 2,5-MTD BU
3270109 PHOENIX-3270109 Datasheet
597Kb / 24P
Feed-through terminal block - PTC 2,5-MTD BU
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com