Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BGD712C Datasheet (PDF) - NXP Semiconductors

BGD712C Datasheet PDF - NXP Semiconductors
Part # BGD712C
Download  BGD712C Download
File Size   47.63 Kbytes
Page   7 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description 750 MHz, 18.5 dB gain power doubler amplifier

BGD712C Datasheet (PDF)

Go To PDF Page Download Datasheet
BGD712C Datasheet PDF - NXP Semiconductors

Part # BGD712C
Download  BGD712C Click to download

File Size   47.63 Kbytes
Page   7 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description 750 MHz, 18.5 dB gain power doubler amplifier

BGD712C Datasheet (HTML) - NXP Semiconductors


BGD712C Product details

General description
Hybrid high dynamic range amplifier module in SOT115J package operating at a supply voltage of 24 V (DC).

Features and benefits
■ Excellent linearity
■ Extremely low noise
■ Excellent return loss properties
■ Silicon nitride passivation
■ Rugged construction
■ Gold metallization ensures excellent reliability

Applications
■ CATV systems operating in the 40 MHz to 750 MHz frequency range.




Similar Part No. - BGD712C

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BGD712C PHILIPS-BGD712C Datasheet
47Kb / 7P
750 MHz, 18 dB gain push-pull amplifier
Rev. 01-2 May 2006
BGD712C NXP-BGD712C Datasheet
208Kb / 8P
750 MHz, 18.5 dB gain power doubler amplifier
Rev. 3-29 September 2010
BGD712C NXP-BGD712C Datasheet
9Mb / 130P
RF Manual 16th edition
June 2012
BGD712C NXP-BGD712C_10 Datasheet
208Kb / 8P
750 MHz, 18.5 dB gain power doubler amplifier
Rev. 3-29 September 2010
logo
Quanzhou Jinmei Electro...
BGD712C JMNIC-BGD712C_15 Datasheet
54Kb / 7P
750 MHz, 18.5 dB gain power doubler amplifier
More results


Similar Description - BGD712C

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BGD702N PHILIPS-BGD702N Datasheet
53Kb / 8P
750 MHz, 18.5 dB gain power doubler amplifier
2001 Nov 02
BGD702 PHILIPS-BGD702 Datasheet
59Kb / 12P
750 MHz, 18.5 dB gain power doubler amplifier
2001 Nov 27
BGD902 NXP-BGD902 Datasheet
79Kb / 10P
860 MHz, 18.5 dB gain power doubler amplifier
Rev. 08-7 June 2007
BGD712C NXP-BGD712C_10 Datasheet
208Kb / 8P
750 MHz, 18.5 dB gain power doubler amplifier
Rev. 3-29 September 2010
logo
Quanzhou Jinmei Electro...
BGD702_2015 JMNIC-BGD702_2015 Datasheet
65Kb / 12P
750 MHz, 18.5 dB gain power doubler amplifier
BGD712_2015 JMNIC-BGD712_2015 Datasheet
64Kb / 8P
750 MHz, 18.5 dB gain power doubler amplifier
BGD712C_2015 JMNIC-BGD712C_2015 Datasheet
54Kb / 7P
750 MHz, 18.5 dB gain power doubler amplifier
BGD702 JMNIC-BGD702_15 Datasheet
65Kb / 12P
750 MHz, 18.5 dB gain power doubler amplifier
BGD712 JMNIC-BGD712_15 Datasheet
64Kb / 8P
750 MHz, 18.5 dB gain power doubler amplifier
BGD712C JMNIC-BGD712C_15 Datasheet
54Kb / 7P
750 MHz, 18.5 dB gain power doubler amplifier
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.

The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.

NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.

The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.

NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com