Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74LVC3G14 Datasheet (PDF) - NXP Semiconductors

74LVC3G14 Datasheet PDF - NXP Semiconductors
Part # 74LVC3G14
Download  74LVC3G14 Download

File Size   99.94 Kbytes
Page   17 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description Triple inverting Schmitt trigger with 5 V tolerant input

74LVC3G14 Datasheet (PDF)

Go To PDF Page Download Datasheet
74LVC3G14 Datasheet PDF - NXP Semiconductors

Part # 74LVC3G14
Download  74LVC3G14 Click to download

File Size   99.94 Kbytes
Page   17 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description Triple inverting Schmitt trigger with 5 V tolerant input

74LVC3G14 Datasheet (HTML) - NXP Semiconductors

Back Button 74LVC3G14 Datasheet HTML 1Page - NXP Semiconductors 74LVC3G14 Datasheet HTML 2Page - NXP Semiconductors 74LVC3G14 Datasheet HTML 3Page - NXP Semiconductors 74LVC3G14 Datasheet HTML 4Page - NXP Semiconductors 74LVC3G14 Datasheet HTML 5Page - NXP Semiconductors 74LVC3G14 Datasheet HTML 6Page - NXP Semiconductors 74LVC3G14 Datasheet HTML 7Page - NXP Semiconductors 74LVC3G14 Datasheet HTML 8Page - NXP Semiconductors 74LVC3G14 Datasheet HTML 9Page - NXP Semiconductors 74LVC3G14 Datasheet HTML 10Page - NXP Semiconductors Next Button 

74LVC3G14 Product details

General description

The 74LVC3G14 provides three inverting buffers with Schmitt trigger action. The inputs can be driven from either 3.3 V or 5 V devices. This feature allows the use of this device in a mixed 3.3 V and 5 V environment. Schmitt trigger action at the inputs makes the circuit tolerant of slower input rise and fall time. This device is fully specified for partial power-down applications using IOFF. The IOFF circuitry disables the output, preventing the damaging backflow current through the device when it is powered down.



Features

■ Wide supply voltage range from 1.65 V to 5.5 V

■ 5 V tolerant input/output for interfacing with 5 V logic

■ High noise immunity

■ ESD protection:

◆ HBM JESD22-A114E exceeds 2000 V

◆ MM JESD22-A115-A exceeds 200 V

■ ±24 mA output drive (VCC = 3.0 V)

■ CMOS low power consumption

■ Latch-up performance exceeds 250 mA

■ Direct interface with TTL levels

■ Unlimited rise and fall times

■ Multiple package options

■ Specified from −40 °C to +85 °C and −40 °C to +125 °C.



Applications

■ Wave and pulse shaper for highly noisy environment

■ Astable multivibrator

■ Monostable multivibrator.




Similar Part No. - 74LVC3G14

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74LVC3G14 PHILIPS-74LVC3G14 Datasheet
91Kb / 17P
   Triple inverting Schmitt trigger with 5 V tolerant input
Rev. 03-31 January 2005
74LVC3G14 NXP-74LVC3G14 Datasheet
113Kb / 18P
   Triple inverting Schmitt trigger with 5 V tolerant input
Rev. 07-12 June 2008
logo
Diodes Incorporated
74LVC3G14 DIODES-74LVC3G14 Datasheet
575Kb / 9P
   TRIPLE SCHMITT-TRIGGER INVERTER
November 2022 Rev. 2 - 2
logo
Nexperia B.V. All right...
74LVC3G14 NEXPERIA-74LVC3G14 Datasheet
277Kb / 18P
   Triple inverting Schmitt trigger with 5 V tolerant input
Rev. 16 - 31 July 2019
logo
NXP Semiconductors
74LVC3G14DC PHILIPS-74LVC3G14DC Datasheet
91Kb / 17P
   Triple inverting Schmitt trigger with 5 V tolerant input
Rev. 03-31 January 2005
More results


Similar Description - 74LVC3G14

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74LVC3G14 NXP-74LVC3G14_08 Datasheet
113Kb / 18P
   Triple inverting Schmitt trigger with 5 V tolerant input
Rev. 07-12 June 2008
logo
Nexperia B.V. All right...
74LVC3G14 NEXPERIA-74LVC3G14 Datasheet
277Kb / 18P
   Triple inverting Schmitt trigger with 5 V tolerant input
Rev. 16 - 31 July 2019
logo
NXP Semiconductors
74LVC3G14 PHILIPS-74LVC3G14 Datasheet
91Kb / 17P
   Triple inverting Schmitt trigger with 5 V tolerant input
Rev. 03-31 January 2005
74LVC3G17 NXP-74LVC3G17 Datasheet
109Kb / 18P
   Triple non-inverting Schmitt trigger with 5 V tolerant input
Rev. 06-6 June 2008
74LVC3G17 PHILIPS-74LVC3G17 Datasheet
91Kb / 16P
   Triple non-inverting Schmitt trigger with 5 V tolerant input
Rev. 03-31 January 2005
logo
Nexperia B.V. All right...
74LVC3G17 NEXPERIA-74LVC3G17 Datasheet
278Kb / 17P
   Triple non-inverting Schmitt trigger with 5 V tolerant input
Rev. 14 - 26 August 2021
74LVC3G17-Q100 NEXPERIA-74LVC3G17-Q100 Datasheet
219Kb / 12P
   Triple non-inverting Schmitt trigger with 5 V tolerant input
logo
NXP Semiconductors
74LVC14APW NXP-74LVC14APW Datasheet
137Kb / 18P
   Hex inverting Schmitt trigger with 5 V tolerant input
Rev. 5-23 December 2011
74LVC2G14 PHILIPS-74LVC2G14 Datasheet
97Kb / 17P
   Dual inverting Schmitt-trigger with 5 V tolerant input
2004 Sep 08
logo
Nexperia B.V. All right...
74LVC14A NEXPERIA-74LVC14A Datasheet
273Kb / 16P
   Hex inverting Schmitt trigger with 5 V tolerant input
Rev. 9 - 20 September 2021
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.

The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.

NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.

The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.

NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com