Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

0719087 Datasheet (PDF) - PHOENIX CONTACT

0719087 Datasheet PDF - PHOENIX CONTACT
Part # 0719087
Download  0719087 Download
File Size   227.24 Kbytes
Page   7 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description UK 2,5 N GN - Feed-through terminal block

0719087 Datasheet (PDF)

Go To PDF Page Download Datasheet
0719087 Datasheet PDF - PHOENIX CONTACT

Part # 0719087
Download  0719087 Click to download

File Size   227.24 Kbytes
Page   7 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description UK 2,5 N GN - Feed-through terminal block

0719087 Datasheet (HTML) - PHOENIX CONTACT


0719087 Product details

Feed-through terminal block, nom. voltage: 800 V, nominal current: 24 A, number of
connections: 2, connection method: Screw connection, Rated cross section: 2.5 mm2, cross
section: 0.2 mm2 - 4 mm2, mounting type: NS 35/7,5, NS 35/15, NS 32, color: green




Similar Part No. - 0719087

ManufacturerPart #DatasheetDescription
logo
Qualtek Electronics Cor...
07190-12 QUALTEK-07190-12 Datasheet
187Kb / 1P
MOLDED FAN CORD FEMALE 90째
07190-24 QUALTEK-07190-24 Datasheet
187Kb / 1P
MOLDED FAN CORD FEMALE 90째
07190-36 QUALTEK-07190-36 Datasheet
187Kb / 1P
MOLDED FAN CORD FEMALE 90째
07190-40 QUALTEK-07190-40 Datasheet
187Kb / 1P
MOLDED FAN CORD FEMALE 90째
07190-50 QUALTEK-07190-50 Datasheet
187Kb / 1P
MOLDED FAN CORD FEMALE 90째
More results


Similar Description - 0719087

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
0719074 PHOENIX-0719074 Datasheet
135Kb / 12P
Feed-through modular terminal block - UK 2,5 N RD
0719090 PHOENIX-0719090 Datasheet
135Kb / 12P
Feed-through modular terminal block - UK 2,5 N WH
0719100 PHOENIX-0719100 Datasheet
135Kb / 12P
Feed-through modular terminal block - UK 2,5 N BK
0719252 PHOENIX-0719252 Datasheet
73Kb / 6P
Feed-through terminal block - UK 2,5 N BN
3004016 PHOENIX-3004016 Datasheet
63Kb / 5P
Feed-through terminal block - UK 5
3048250 PHOENIX-3048250 Datasheet
85Kb / 7P
Feed-through terminal block - UK 2,5 N BD:GNYE
3209582 PHOENIX-3209582 Datasheet
94Kb / 6P
Feed-through terminal block - PT 2,5-QUATTRO GN
3037326 PHOENIX-3037326 Datasheet
596Kb / 31P
Feed-through terminal block - ST 2,5-TWIN GN
3209513 PHOENIX-3209513 Datasheet
468Kb / 22P
Feed-through terminal block - PT 2,5 GN
1923160 PHOENIX-1923160 Datasheet
236Kb / 21P
Feed-through terminal block - UK 5-TWIN GN
09/12/2020
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com