Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

YB1210 Datasheet (PDF) - YOBON TECHNOLOGIES,INC.

YB1210 Datasheet PDF - YOBON TECHNOLOGIES,INC.
Part # YB1210
Download  YB1210 Download
File Size   449.85 Kbytes
Page   12 Pages
Manufacturer  YOBON [YOBON TECHNOLOGIES,INC.]
Direct Link  http://www.yobon.com.tw
Logo YOBON - YOBON TECHNOLOGIES,INC.
Description 300mA Ultra-Low-Noise, High PSRR LDO Regulator

YB1210 Datasheet (PDF)

Go To PDF Page Download Datasheet
YB1210 Datasheet PDF - YOBON TECHNOLOGIES,INC.

Part # YB1210
Download  YB1210 Click to download

File Size   449.85 Kbytes
Page   12 Pages
Manufacturer  YOBON [YOBON TECHNOLOGIES,INC.]
Direct Link  http://www.yobon.com.tw
Logo YOBON - YOBON TECHNOLOGIES,INC.
Description 300mA Ultra-Low-Noise, High PSRR LDO Regulator

YB1210 Datasheet (HTML) - YOBON TECHNOLOGIES,INC.


YB1210 Product details

Description

The YB1210 family consists of a series of 300mA ultra-low-noise, low dropout (LDO) linear regulators especially designed for battery-powered RF and wireless applications. The YB1210 regulator achieves a low 450mV dropout at 250mA load current of 3.3V output, ultra-low output voltage noise of 15µVrms and PSRR of 57dB at 1KHz.



Features

 High Accuracy +-2% Output Voltage

 Ultra-Low-Noise Low-Drop-Out Regulator with 1.8/2.5/2.6/2.8/3.0V/3.3V Preset Outputs

 Stable with 0.47µF Ceramic Capacitor for Any Load

 Allowable Output Current: 300mA

 Low Quiescent Current: ~90µA

 450mV Dropout at 250mA Load (3.3V)

 Only Need Input and Output Capacitors

 Power Saving Shutdown Mode (<1µA)

 Thermal Protection Shutdown

 Built-In Internal Soft-Start

 Output Short-circuit Current Limit Protection

 Green package (RoHS) available



Applications

 PDA, Palmtops and Notebook Computers

 DSC, Handset Camera Modules

 PCMCIA Cards, PC Cameras

 USB Based Portable Devices (MP3, PMP)

 GSM/GPRS/3G RF Transceiver Modules

 Wireless LANs

 Bluetooth Portable Radios



 




Similar Part No. - YB1210

ManufacturerPart #DatasheetDescription
logo
YOBON TECHNOLOGIES,INC.
YB1210R YOBON-YB1210R Datasheet
388Kb / 12P
300mA, Ultra-Low-Noise, High PSRR LDO Regulator
YB1210ST23R120 YOBON-YB1210ST23R120 Datasheet
388Kb / 12P
300mA, Ultra-Low-Noise, High PSRR LDO Regulator
YB1210ST23R130 YOBON-YB1210ST23R130 Datasheet
388Kb / 12P
300mA, Ultra-Low-Noise, High PSRR LDO Regulator
YB1210ST23R140 YOBON-YB1210ST23R140 Datasheet
388Kb / 12P
300mA, Ultra-Low-Noise, High PSRR LDO Regulator
YB1210ST23R150 YOBON-YB1210ST23R150 Datasheet
388Kb / 12P
300mA, Ultra-Low-Noise, High PSRR LDO Regulator
More results


Similar Description - YB1210

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TS9007 TSC-TS9007 Datasheet
205Kb / 5P
300mA Ultra-Low-Noise, High PSRR LDO Regulator
logo
Eutech Microelectronics...
EUP7917 EUTECH-EUP7917 Datasheet
277Kb / 12P
300mA, High PSRR Low-Noise LDO
logo
Micrel Semiconductor
MIC5323 MICREL-MIC5323 Datasheet
474Kb / 15P
High PSRR Low Noise 300mA 關Cap Ultra-Low Dropout LDO Regulator
logo
Cystech Electonics Corp...
LM1101N5 CYSTEKEC-LM1101N5 Datasheet
744Kb / 10P
300mA High PSRR Low Noise LDO
logo
YOBON TECHNOLOGIES,INC.
YB1210R YOBON-YB1210R Datasheet
388Kb / 12P
300mA, Ultra-Low-Noise, High PSRR LDO Regulator
logo
Asahi Kasei Microsystem...
AP1152 AKM-AP1152 Datasheet
1,005Kb / 27P
300mA Output,High PSRR,Low Noise LDO Regulator
logo
Excelliance MOS Corp.
EM1101 EXCELLIANCE-EM1101 Datasheet
260Kb / 8P
300mA High PSRR Low Noise, Adjustable LDO Regulator
EM1103 EXCELLIANCE-EM1103 Datasheet
275Kb / 8P
300mA, High PSRR, Low Noise LDO Regulator
EM1105 EXCELLIANCE-EM1105 Datasheet
756Kb / 8P
300mA, High PSRR, Low Noise, Adjustable LDO Regulator
logo
Lowpower Semiconductor ...
LP3986 POWER-LP3986 Datasheet
679Kb / 6P
300mA,Ultra-low Noise LDO Regulator
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com