| Manufacturer | Part # | Datasheet | Description |
 ON Semiconductor |
NCP583
|
71Kb / 10P |
Ultra?묹ow Iq 150 mA CMOS LDO Regulator with Enable
April, 2006 ??Rev. 5 |
|
NCP583
|
72Kb / 10P |
Ultra?묹ow Iq 150 mA CMOS LDO Regulator with Enable
February, 2007 ??Rev. 8 |
|
NCV87725D7S50R4G
|
310Kb / 17P |
Ultra Low Iq 350 mA LDO Regulator with Enable and
December, 2011 ??Rev. 3 |
|
NCP170
|
664Kb / 20P |
Ultra?륧ow IQ 150 mA CMOS LDO Regulator
February, 2015 ??Rev. 6 |
|
NCV8170
|
594Kb / 20P |
Ultra?륧ow IQ 150 mA CMOS LDO Regulator
May, 2015 ??Rev. 2 |
|
NCP698
|
129Kb / 9P |
150 mA CMOS Ultra Low Iq and IGND LDO Regulator with Enable
January, 2014 ??Rev. 2 |
|
NCV8768
|
192Kb / 17P |
Ultra Low Iq 150 mA LDO Regulator with Window Watchdog, Enable and Reset
June, 2011 ??Rev. 0 |
|
NCP583
|
73Kb / 10P |
Ultra-Low Iq 150 mA CMOS LDO Regulator with Enable
January, 2016 ??Rev. 15 |
|
NCP170
|
769Kb / 23P |
Ultra?륧ow IQ 150 mA CMOS LDO Regulator
October, 2017 ??Rev. 14 |
|
NCP605
|
219Kb / 14P |
LDO Regulator - Low IGND, CMOS with/without Enable and with Enhanced 500 mA
May, 2022 - Rev. 4 |