Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NR8576 Datasheet (PDF) - Nippon Precision Circuits Inc

NR8576 Datasheet PDF - Nippon Precision Circuits Inc
Part # NR8576
Download  NR8576 Download
File Size   105.59 Kbytes
Page   11 Pages
Manufacturer  NPC [Nippon Precision Circuits Inc]
Direct Link  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc
Description Real-time Clock Modules

NR8576 Datasheet (PDF)

Go To PDF Page Download Datasheet
NR8576 Datasheet PDF - Nippon Precision Circuits Inc

Part # NR8576
Download  NR8576 Click to download

File Size   105.59 Kbytes
Page   11 Pages
Manufacturer  NPC [Nippon Precision Circuits Inc]
Direct Link  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc
Description Real-time Clock Modules

NR8576 Datasheet (HTML) - Nippon Precision Circuits Inc


NR8576 Product details

The NR8576 Series devices are serial-interface type real-time clock module ICs with built-in crystal

oscillator elements. They feature timer counter circuits that keep track of time from the current second to the current year, automatic leap-year adjustment, and a supply voltage detect function. Also, a 32.768 kHz/1 Hz select output function is incorporated for independent hardware control. They are available in compact 14-pin SOPs (NR8576A×) and miniature 18-pin SOPs (NR8576B×).



FEATURES

■ Crystal oscillator element built-in for adjustment free use

■ Timer counters for second, minute, hour, day, day of the week, month, and year

■ 2.5 to 5.5 V operating voltage range

■ 1.7 ± 0.3 V supply voltage detection threshold

■ 1.0 µA at 3.0 V (typ) current consumption

■ Automatic leap-year calendar adjustment

■ 32.768 kHz and 1 Hz output selectable

■ Package

• 14-pin SOP (NR8576A×)

• 18-pin SOP (NR8576B×)




Similar Part No. - NR8576

ManufacturerPart #DatasheetDescription
logo
Nippon Precision Circui...
NR8576AA NPC-NR8576AA Datasheet
86Kb / 10P
Real-time Clock Modules
NR8576AB NPC-NR8576AB Datasheet
86Kb / 10P
Real-time Clock Modules
NR8576BA NPC-NR8576BA Datasheet
86Kb / 10P
Real-time Clock Modules
NR8576BB NPC-NR8576BB Datasheet
86Kb / 10P
Real-time Clock Modules
More results


Similar Description - NR8576

ManufacturerPart #DatasheetDescription
logo
Nippon Precision Circui...
NR8576AA NPC-NR8576AA Datasheet
86Kb / 10P
Real-time Clock Modules
logo
Toshiba Semiconductor
TC8521AP TOSHIBA-TC8521AP Datasheet
863Kb / 25P
REAL TIME CLOCK ?
logo
RICOH electronics devic...
RP5C15 RICOH-RP5C15 Datasheet
137Kb / 12P
REAL-TIME CLOCK
logo
Dallas Semiconductor
DS1285 DALLAS-DS1285 Datasheet
21Kb / 1P
Real Time Clock
DS1287A DALLAS-DS1287A Datasheet
17Kb / 1P
Real Time Clock
logo
Golledge Electronics Lt...
RV8564C2 GOLLEDGE-RV8564C2 Datasheet
62Kb / 1P
Real Time clock
logo
Epson ToYoCom
RTC-63421 EPSONTOYOCOM-RTC-63421 Datasheet
413Kb / 2P
Real time clock
RTC-65271 EPSONTOYOCOM-RTC-65271 Datasheet
385Kb / 2P
Real time clock
logo
List of Unclassifed Man...
VT82887 ETC1-VT82887 Datasheet
81Kb / 17P
Real Time Clock
logo
Golledge Electronics Lt...
RV8564C3 GOLLEDGE-RV8564C3 Datasheet
128Kb / 1P
Real Time Clock
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com