Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SBP-060BA Datasheet (PDF) - Hanwha Vision Co., Ltd. All rights Reserved.

SBP-060BA Datasheet PDF - Hanwha Vision Co., Ltd. All rights Reserved.
Part # SBP-060BA
Download  SBP-060BA Download
File Size   524.15 Kbytes
Page   2 Pages
Manufacturer  HANWHAVISION [Hanwha Vision Co., Ltd. All rights Reserved.]
Direct Link  https://www.hanwhavision.com/en/
Logo HANWHAVISION - Hanwha Vision Co., Ltd. All rights Reserved.
Description Conduit Hole Adaptor

SBP-060BA Datasheet (PDF)

Go To PDF Page Download Datasheet
SBP-060BA Datasheet PDF - Hanwha Vision Co., Ltd. All rights Reserved.

Part # SBP-060BA
Download  SBP-060BA Click to download

File Size   524.15 Kbytes
Page   2 Pages
Manufacturer  HANWHAVISION [Hanwha Vision Co., Ltd. All rights Reserved.]
Direct Link  https://www.hanwhavision.com/en/
Logo HANWHAVISION - Hanwha Vision Co., Ltd. All rights Reserved.
Description Conduit Hole Adaptor

SBP-060BA Datasheet (HTML) - Hanwha Vision Co., Ltd. All rights Reserved.


SBP-060BA Product details

• Material: Aluminum
• Dimensions: 54.1x43.5x40mm (2.13x1.72x1.57”)
• Weight: 27g (0.06lb)
• Color: White
• Conduit hole: 19.1mm(3/4”)(M25)




Similar Part No. - SBP-060BA

ManufacturerPart #DatasheetDescription
logo
Hanwha Vision Co., Ltd....
SBP-060S HANWHAVISION-SBP-060S Datasheet
592Kb / 2P
Steel Strap
More results


Similar Description - SBP-060BA

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
M24758-3C GLENAIR-M24758-3C Datasheet
57Kb / 2P
Conduit Fitting
M24758-4C GLENAIR-M24758-4C Datasheet
56Kb / 2P
Conduit Fitting
M24758-5C GLENAIR-M24758-5C Datasheet
202Kb / 2P
Conduit Fitting
M24758-8C GLENAIR-M24758-8C Datasheet
198Kb / 2P
Conduit to Conduit Fitting
M24758-28A12 GLENAIR-M24758-28A12 Datasheet
195Kb / 2P
Straight Conduit Fitting to PEEK Conduit
M24758-02-A GLENAIR-M24758-02-A Datasheet
123Kb / 1P
Conduit Fitting
M24758-3-16-A GLENAIR-M24758-3-16-A Datasheet
80Kb / 1P
Conduit Fitting
M24758-8-16-A GLENAIR-M24758-8-16-A Datasheet
79Kb / 1P
Conduit-to-Conduit Fitting
logo
Tyco Electronics
012481-000 MACOM-012481-000 Datasheet
59Kb / 4P
HEXASHIELD ADAPTOR FOR CODE 40 CONNECTORS, CONDUIT CLAMPING NUT
logo
Schneider Electric
XVUZ00 SCHNEIDER-XVUZ00 Datasheet
94Kb / 3P
Modular tower light, Harmony XVU, 횂쩍창??NPT conduit adaptor for customer supplied tubing
May 24, 2021
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com