Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SBP-115PA Datasheet (PDF) - Hanwha Vision Co., Ltd. All rights Reserved.

SBP-115PA Datasheet PDF - Hanwha Vision Co., Ltd. All rights Reserved.
Part # SBP-115PA
Download  SBP-115PA Download
File Size   819.48 Kbytes
Page   3 Pages
Manufacturer  HANWHAVISION [Hanwha Vision Co., Ltd. All rights Reserved.]
Direct Link  https://www.hanwhavision.com/en/
Logo HANWHAVISION - Hanwha Vision Co., Ltd. All rights Reserved.
Description Wall&Pole Adaptor

SBP-115PA Datasheet (PDF)

Go To PDF Page Download Datasheet
SBP-115PA Datasheet PDF - Hanwha Vision Co., Ltd. All rights Reserved.

Part # SBP-115PA
Download  SBP-115PA Click to download

File Size   819.48 Kbytes
Page   3 Pages
Manufacturer  HANWHAVISION [Hanwha Vision Co., Ltd. All rights Reserved.]
Direct Link  https://www.hanwhavision.com/en/
Logo HANWHAVISION - Hanwha Vision Co., Ltd. All rights Reserved.
Description Wall&Pole Adaptor

SBP-115PA Datasheet (HTML) - Hanwha Vision Co., Ltd. All rights Reserved.


SBP-115PA Product details

• Color : White
• Mount screw size : TR30
• Dimensions : ø125x27.7mm
※ Totally 3pcs included on package




Similar Part No. - SBP-115PA

ManufacturerPart #DatasheetDescription
logo
Hanwha Vision Co., Ltd....
SBP-115PFA HANWHAVISION-SBP-115PFA Datasheet
800Kb / 3P
Wall&Pole Adaptor
More results


Similar Description - SBP-115PA

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
SGA12E MEANWELL-SGA12E Datasheet
103Kb / 3P
12W AC-DC High Reliability Slim Wall-mounted Adaptor
SGA12U MEANWELL-SGA12U Datasheet
94Kb / 3P
12W AC-DC High Reliability Slim Wall-mounted Adaptor
SGA18U MEANWELL-SGA18U Datasheet
75Kb / 3P
18W AC-DC High Reliability Slim Wall-mounted Adaptor
SGA25E MEANWELL-SGA25E Datasheet
85Kb / 3P
25W AC-DC High Reliability Slim Wall-mounted Adaptor
SGA40E MEANWELL-SGA40E Datasheet
84Kb / 3P
40W AC-DC High Reliability Slim Wall-mounted Adaptor
SGA40U MEANWELL-SGA40U Datasheet
71Kb / 3P
40W AC-DC High Reliability Slim Wall-mounted Adaptor
SGA60E MEANWELL-SGA60E Datasheet
88Kb / 3P
60W AC-DC High Reliability Slim Wall-mounted Adaptor
SGA60U MEANWELL-SGA60U Datasheet
75Kb / 3P
60W AC-DC High Reliability Slim Wall-mounted Adaptor
logo
Laird Tech Smart Techno...
LP800-2500-9-NF LSTD-LP800-2500-9-NF Datasheet
1Mb / 2P
Pole mount or wall mount
logo
Mitsumi Electronics, Co...
ADP-W6 MITSUMI-ADP-W6 Datasheet
75Kb / 2P
7.5W Wall mount type AC adaptor
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com