Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2200148 Datasheet (PDF) - PHOENIX CONTACT

2200148 Datasheet PDF - PHOENIX CONTACT
Part # 2200148
Download  2200148 Download
File Size   191.43 Kbytes
Page   6 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description UM-PRO PROFILE - Profile

2200148 Datasheet (PDF)

Go To PDF Page Download Datasheet
2200148 Datasheet PDF - PHOENIX CONTACT

Part # 2200148
Download  2200148 Click to download

File Size   191.43 Kbytes
Page   6 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description UM-PRO PROFILE - Profile

2200148 Datasheet (HTML) - PHOENIX CONTACT


2200148 Product details

Press-drawn section housings, Latching with side elements, latching with foot element, Basic
profile, profile length (configurable): 3 cm ... 200 cm, depth: 19.8 mm, Note: required profile
length = PCB length - 16.2 mm




Similar Part No. - 2200148

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
2200147 PHOENIX-2200147 Datasheet
314Kb / 8P
ME 45 UT/BUS/102 GN - Mounting base housing
2200149 PHOENIX-2200149 Datasheet
190Kb / 6P
UM-BASIC PROFILE - Profile
More results


Similar Description - 2200148

ManufacturerPart #DatasheetDescription
logo
Advanced XTAL Products
AXUM4 AXTAL-AXUM4 Datasheet
130Kb / 2P
Quartz Crystal Unit UM-4 low profile
2005-01-15
logo
PHOENIX CONTACT
2202023 PHOENIX-2202023 Datasheet
43Kb / 2P
Electronic housing - UM-BASIC/PRO 108 FOOT KMGY
2202025 PHOENIX-2202025 Datasheet
43Kb / 2P
Electronic housing - UM-BASIC/PRO PE CONTACT L1
2200153 PHOENIX-2200153 Datasheet
45Kb / 2P
Components of electronic housing - UM-PRO 72 FOOT BK
2200155 PHOENIX-2200155 Datasheet
66Kb / 2P
Item is from the UM-BASIC/UM-PRO product range
2200158 PHOENIX-2200158 Datasheet
66Kb / 2P
Item is from the UM-BASIC/UM-PRO product range
2909471 PHOENIX-2909471 Datasheet
47Kb / 2P
UM 122 FE foot element, for UM 122 profile housing
2200157 PHOENIX-2200157 Datasheet
94Kb / 7P
Foot element - UM-PRO 108 FOOT BK
09/12/2020
2200171 PHOENIX-2200171 Datasheet
105Kb / 8P
Mounting flange - UM-PRO MOUNT BK
09/12/2020
2735441 PHOENIX-2735441 Datasheet
214Kb / 4P
Profile - UM 45-PROFIL 235CM
11/25/2021
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com