Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

3076061 Datasheet (PDF) - PHOENIX CONTACT

3076061 Datasheet PDF - PHOENIX CONTACT
Part # 3076061
Download  3076061 Download
File Size   279.25 Kbytes
Page   9 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description RBO 12-4L-HC - Bolt connection terminal block

3076061 Datasheet (PDF)

Go To PDF Page Download Datasheet
3076061 Datasheet PDF - PHOENIX CONTACT

Part # 3076061
Download  3076061 Click to download

File Size   279.25 Kbytes
Page   9 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description RBO 12-4L-HC - Bolt connection terminal block

3076061 Datasheet (HTML) - PHOENIX CONTACT


3076061 Product details

Bolt connection terminal block, nom. voltage: 1500 V, nominal current: 415 A, number of
connections: 8, connection method: Bolt connection, Rated cross section: 240 mm2, mounting
type: NS 35/7,5, NS 35/15, direct screw connection, color: gray




Similar Part No. - 3076061

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
3076015 PHOENIX-3076015 Datasheet
547Kb / 21P
Knife disconnect terminal block - UTTB 4-MT P/P BU
3076023 PHOENIX-3076023 Datasheet
523Kb / 22P
Installation level terminal block - UTI 2,5-L/LTB
3076029 PHOENIX-3076029 Datasheet
527Kb / 25P
Installation ground terminal block - UTI 2,5-PE/L/L
3076030 PHOENIX-3076030 Datasheet
88Kb / 7P
Installation ground terminal block - UTI 2,5-PE/L/N
3076031 PHOENIX-3076031 Datasheet
488Kb / 25P
Installation level terminal block - UTI 2,5-L/L
More results


Similar Description - 3076061

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
3075896 PHOENIX-3075896 Datasheet
75Kb / 6P
Bolt connection terminal block - RBO 6
3075935 PHOENIX-3075935 Datasheet
76Kb / 7P
Bolt connection terminal block - RBO 6-F
3073584 PHOENIX-3073584 Datasheet
198Kb / 5P
Bolt connection terminal block - RW 5
0790433 PHOENIX-0790433 Datasheet
181Kb / 15P
Bolt connection terminal block - OTTA 6
09/11/2020
3076044 PHOENIX-3076044 Datasheet
186Kb / 16P
Bolt connection terminal block - RBO 8-3L-HC
09/12/2020
3058059 PHOENIX-3058059 Datasheet
152Kb / 13P
Bolt connection terminal block - RBO 5
09/12/2020
3058143 PHOENIX-3058143 Datasheet
160Kb / 14P
Bolt connection terminal block - RSC 5
09/12/2020
3059207 PHOENIX-3059207 Datasheet
149Kb / 12P
Bolt connection terminal block - RSC 4-F/12
09/12/2020
3213136 PHOENIX-3213136 Datasheet
191Kb / 15P
Bolt connection terminal block - RBO 8 BU
09/12/2020
3244628 PHOENIX-3244628 Datasheet
197Kb / 15P
Bolt connection terminal block - RBO 12-FE
09/11/2020
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com