Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SAW20-050-3000UD Datasheet (PDF) - AG Electronica

SAW20-050-3000UD Datasheet PDF - AG Electronica
Part # SAW20-050-3000UD
Download  SAW20-050-3000UD Download
File Size   200.33 Kbytes
Page   3 Pages
Manufacturer  AGELECTRONICA [AG Electronica]
Direct Link  https://www.agelectronica.com/
Logo AGELECTRONICA - AG Electronica
Description FUENTE DE ALIMENTACION 5V/3A TIPO C

SAW20-050-3000UD Datasheet (PDF)

Go To PDF Page Download Datasheet
SAW20-050-3000UD Datasheet PDF - AG Electronica

Part # SAW20-050-3000UD
Download  SAW20-050-3000UD Click to download

File Size   200.33 Kbytes
Page   3 Pages
Manufacturer  AGELECTRONICA [AG Electronica]
Direct Link  https://www.agelectronica.com/
Logo AGELECTRONICA - AG Electronica
Description FUENTE DE ALIMENTACION 5V/3A TIPO C

SAW20-050-3000UD Datasheet (HTML) - AG Electronica


SAW20-050-3000UD Product details

DESCRIPCIÓN
La fuente es compatible con cualquier dispositivo alimentado a 5V, está incorpora un filtro de ruido de línea para una mayor mayor estabilidad y un funcionamiento libre.
Esta fuente de alimentación, ofrece una corriente completa de 3A y una tensión estándar de 5V por medio del cable tipo C.




Similar Part No. - SAW20-050-3000UD

ManufacturerPart #DatasheetDescription
logo
Yuechung International ...
SAW YIC-SAW Datasheet
326Kb / 2P
SAW Filter for wireless Remote Controller
logo
Eravant
SAW-3533532716-28-L2-WR ERAVANT-SAW-3533532716-28-L2-WR Datasheet
390Kb / 5P
Ka Band Slotted Waveguide Array Antenna, 35 GHz, 27 dBi, 16° x 2°
Rev 1.1
SAW-9329522716-90-L2-WR ERAVANT-SAW-9329522716-90-L2-WR Datasheet
376Kb / 5P
X-Band Slotted Waveguide Array Antenna, 9.375 GHz, 26 dBi, 19° x 3°
Rev 1.1
SAW-9629822716-90-L2-WR ERAVANT-SAW-9629822716-90-L2-WR Datasheet
316Kb / 5P
X-Band Slotted Waveguide Array Antenna, 9.7 GHz, 27 dBi, 16° x 2°
Rev 1.2
logo
Seoul Semiconductor
SAW09A0A SEOUL-SAW09A0A Datasheet
789Kb / 21P
Superior high Flux for High Voltage System
More results


Similar Description - SAW20-050-3000UD

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
LM123 STMICROELECTRONICS-LM123 Datasheet
170Kb / 9P
THREE-TERMINAL 3A-5V POSITIVE VOLTAGE REGULATORS
Mar-1993
logo
Anpec Electronics Corop...
APW7153 ANPEC-APW7153 Datasheet
407Kb / 20P
3A 5V 2MHz Synchronous Buck Converter
APW8804 ANPEC-APW8804 Datasheet
436Kb / 21P
3A 5V 1MHz Synchronous Buck Converter
APW8805A ANPEC-APW8805A Datasheet
389Kb / 19P
3A 5V 1MHz Synchronous Buck Converter
logo
Monolithic Power System...
MP2480 MPS-MP2480 Datasheet
307Kb / 12P
5V, 36V Input, 3A High Power LED Driver
logo
Hammond Manufacturing L...
S2CCMK HAMMOND-S2CCMK Datasheet
85Kb / 1P
Trousse de montage de profiles en C
logo
PULS GmbH
ML15.051 PULS-ML15.051 Datasheet
465Kb / 22P
5V, 3A, SINGLE PHASE INPUT
logo
Shaanxi Reactor Micro...
RM6334D REACTOR-RM6334D_1 Datasheet
632Kb / 3P
5V/3A charger/adapter application
logo
Maxim Integrated Produc...
MAX17243EVKIT MAXIM-MAX17243EVKIT Datasheet
1Mb / 13P
Preset 5V/3A Output
Rev 0; 8/16
logo
Monolithic Power System...
MPQ4228-C MPS-MPQ4228-C Datasheet
1Mb / 31P
3A, 36V, Step-Down Converter with USB Charging Port Supporting CDP and Type-C 5V @ 3A DFP Mode, AEC-Q100 Qualified
Rev. 1.0 1/12/2021
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com