Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LS2405IDD23 Datasheet (PDF) - Littelfuse

LS2405IDD23 Datasheet PDF - Littelfuse
Part # LS2405IDD23
Download  LS2405IDD23 Download
File Size   1188.82 Kbytes
Page   8 Pages
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse
Description 24 V, 5 A Very Low Forward Voltage Diode

LS2405IDD23 Datasheet (PDF)

Go To PDF Page Download Datasheet
LS2405IDD23 Datasheet PDF - Littelfuse

Part # LS2405IDD23
Download  LS2405IDD23 Click to download

File Size   1188.82 Kbytes
Page   8 Pages
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse
Description 24 V, 5 A Very Low Forward Voltage Diode

LS2405IDD23 Datasheet (HTML) - Littelfuse


LS2405IDD23 Product details

Features
Applications
■ Wide Input Range from 2.7 V to 24 V
■ Surge up to 28 V
■ Replace a Power Schottky
diode with an Integrated 35
mΩ N-Channel MOSFET
■ Fast Turn-off Limits Reverse Current
■ USB PD TypeC Ports
■ Mutil-input power supply
■ Smooth Current Transfer
from One Power to the
Other Power
■ Input Supply Rail Discharging Function
■ Available in 8 lead 2 mmx3
mm DFN Packages
■ Pb-Free and RoHS Compliant
■ Telecom Infrastructure




Similar Part No. - LS2405IDD23

ManufacturerPart #DatasheetDescription
logo
Littelfuse
LS2405IDD23 LITTELFUSE-LS2405IDD23 Datasheet
1Mb / 8P
24V, 5A Very Low Forward Voltage Diode
2022 Littelfuse, Inc
More results


Similar Description - LS2405IDD23

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
MGBR15V50G-K08-5060-R UTC-MGBR15V50G-K08-5060-R Datasheet
165Kb / 3P
Very low forward voltage drop
MGBR20V100L-TA3-T UTC-MGBR20V100L-TA3-T Datasheet
132Kb / 3P
Very low forward voltage drop
MGBR30V120CL-TA3-T UTC-MGBR30V120CL-TA3-T Datasheet
161Kb / 3P
Very low forward voltage drop
MGBR30V200CL-TA3-T UTC-MGBR30V200CL-TA3-T Datasheet
155Kb / 3P
Very low forward voltage drop
MGBR60V200CL-TA3-T UTC-MGBR60V200CL-TA3-T Datasheet
161Kb / 3P
Very low forward voltage drop
TGBR10V45CL-TA3-T UTC-TGBR10V45CL-TA3-T Datasheet
136Kb / 3P
Very low forward voltage drop
TGBR10V150CL-TF1-T UTC-TGBR10V150CL-TF1-T Datasheet
131Kb / 3P
Very low forward voltage drop
TGBR20V45CL-TA3-T UTC-TGBR20V45CL-TA3-T Datasheet
136Kb / 3P
Very low forward voltage
TGBR40V60CL-TA3-T UTC-TGBR40V60CL-TA3-T Datasheet
133Kb / 3P
Very low forward voltage drop
logo
Littelfuse
LS2405IDD23 LITTELFUSE-LS2405IDD23 Datasheet
1Mb / 8P
24V, 5A Very Low Forward Voltage Diode
2022 Littelfuse, Inc
More results




About Littelfuse


Littelfuse is an American company that specializes in the design and manufacture of circuit protection and control products.
The company was founded in 1927 and is headquartered in Chicago, Illinois.
Littelfuse provides a wide range of products including fuses, protection and control devices, and polymeric products.
The company's products are used in various applications such as automotive, industrial, and consumer electronics.
Littelfuse is known for its expertise in circuit protection and control technology and its ability to deliver high-quality and reliable products to its customers.
The company has operations and facilities in various countries across the world and works closely with its customers to provide customized solutions that meet their specific requirements and needs.
In addition to its core business, Littelfuse also provides solutions for the renewable energy and data center markets.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com