Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

C5594 Datasheet (PDF) - Hamamatsu Corporation

C5594 Datasheet PDF - Hamamatsu Corporation
Part # C5594
Download  C5594 Download
File Size   134.21 Kbytes
Page   4 Pages
Manufacturer  HAMAMATSU [Hamamatsu Corporation]
Direct Link  http://www.hamamatsu.com
Logo HAMAMATSU - Hamamatsu Corporation
Description HIGH SPEED AMPLIFIER FOR PHOTOMULTIPLIER TUBES

C5594 Datasheet (PDF)

Go To PDF Page Download Datasheet
C5594 Datasheet PDF - Hamamatsu Corporation

Part # C5594
Download  C5594 Click to download

File Size   134.21 Kbytes
Page   4 Pages
Manufacturer  HAMAMATSU [Hamamatsu Corporation]
Direct Link  http://www.hamamatsu.com
Logo HAMAMATSU - Hamamatsu Corporation
Description HIGH SPEED AMPLIFIER FOR PHOTOMULTIPLIER TUBES

C5594 Datasheet (HTML) - Hamamatsu Corporation


C5594 Product details

The C5594 is designed as the most suitable amplifier unit for photomultiplier tubes and a non-inverting type amplifier.

This unit has high gain of 36 dB (voltage amplification of 63) and wide frequency bandwidth of 50 kHz to 1.5 GHz, which can accurately amplitude the PMT pulse output.

Therefore it is well-matched to the application of Time Correlated Single Photon Counting (TCPC) for fluorescence life time measurement with MCP-PMT and various time response measurements with PMTs. It is possible to be operated at the applied voltage range of +12 to +16 volts.

The input and output connectors can be chosen by the combination of SMA and/or BNC.



 




Similar Part No. - C5594

ManufacturerPart #DatasheetDescription
logo
Powerbox
C559 POWERBOX-C559 Datasheet
405Kb / 1P
250 WATTS (AC) DC/D CSINGLE OUTPUT
logo
Belden Inc.
C5590 BELDEN-C5590 Datasheet
141Kb / 2P
Teck90 1000V, 2G C #68 Str BC, XLPE Ins M4, PVC Jkt, AIA Armor, Blk PVC Jkt, CSA HL SUN RES -40C
12-22-2023
C5590-0101640 BELDEN-C5590-0101640 Datasheet
141Kb / 2P
Teck90 1000V, 2G C #68 Str BC, XLPE Ins M4, PVC Jkt, AIA Armor, Blk PVC Jkt, CSA HL SUN RES -40C
12-22-2023
C5590-0102952 BELDEN-C5590-0102952 Datasheet
141Kb / 2P
Teck90 1000V, 2G C #68 Str BC, XLPE Ins M4, PVC Jkt, AIA Armor, Blk PVC Jkt, CSA HL SUN RES -40C
12-22-2023
C5590-0103280 BELDEN-C5590-0103280 Datasheet
141Kb / 2P
Teck90 1000V, 2G C #68 Str BC, XLPE Ins M4, PVC Jkt, AIA Armor, Blk PVC Jkt, CSA HL SUN RES -40C
12-22-2023
More results


Similar Description - C5594

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
R1463 HAMAMATSU-R1463 Datasheet
45Kb / 4P
PHOTOMULTIPLIER TUBES
R6427 HAMAMATSU-R6427 Datasheet
63Kb / 4P
PHOTOMULTIPLIER TUBES
R2154-02 HAMAMATSU-R2154-02_06 Datasheet
42Kb / 2P
PHOTOMULTIPLIER TUBES
R2693 HAMAMATSU-R2693_07 Datasheet
162Kb / 4P
PHOTOMULTIPLIER TUBES
R3234-1 HAMAMATSU-R3234-1 Datasheet
33Kb / 4P
HIGH-SPEED PHOTON COUNTING PHOTOMULTIPLIER TUBES
R8486 HAMAMATSU-R8486_03 Datasheet
141Kb / 4P
PHOTOMULTIPLIER TUBES
R8486 HAMAMATSU-R8486_15 Datasheet
225Kb / 4P
PHOTOMULTIPLIER TUBES
R4220 HAMAMATSU-R4220_15 Datasheet
225Kb / 4P
PHOTOMULTIPLIER TUBES
R2083 HAMAMATSU-R2083_15 Datasheet
44Kb / 2P
PHOTOMULTIPLIER TUBES
R13478 HAMAMATSU-R13478 Datasheet
237Kb / 4P
PHOTOMULTIPLIER TUBES
More results




About Hamamatsu Corporation


Hamamatsu Corporation is a Japanese company that specializes in the development and manufacture of optoelectronic and photonic devices, including photomultiplier tubes, image sensors, and light sources. The company was founded in 1953 in Hamamatsu, Japan, and has since become a global leader in the optoelectronics industry.

Hamamatsu Corporation's products are used in a variety of applications, including medical equipment, scientific research, industrial automation, and communications. The company is known for its high-quality and reliable products, and its technology is widely used by researchers and engineers around the world.

In addition to its optoelectronic products, Hamamatsu Corporation also provides measurement and analysis services, as well as solutions for industrial inspection and control. The company has offices and facilities around the world, including in the United States, Europe, and Asia, and is committed to advancing the field of optoelectronics through ongoing research and development.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com