Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SCO-2040R Datasheet (PDF) - Hanwha Vision Co., Ltd. All rights Reserved.

SCO-2040R Datasheet PDF - Hanwha Vision Co., Ltd. All rights Reserved.
Part # SCO-2040R
Download  SCO-2040R Download
File Size   287.3 Kbytes
Page   2 Pages
Manufacturer  HANWHAVISION [Hanwha Vision Co., Ltd. All rights Reserved.]
Direct Link  https://www.hanwhavision.com/en/
Logo HANWHAVISION - Hanwha Vision Co., Ltd. All rights Reserved.
Description High Resolution Small IR Camera

SCO-2040R Datasheet (PDF)

Go To PDF Page Download Datasheet
SCO-2040R Datasheet PDF - Hanwha Vision Co., Ltd. All rights Reserved.

Part # SCO-2040R
Download  SCO-2040R Click to download

File Size   287.3 Kbytes
Page   2 Pages
Manufacturer  HANWHAVISION [Hanwha Vision Co., Ltd. All rights Reserved.]
Direct Link  https://www.hanwhavision.com/en/
Logo HANWHAVISION - Hanwha Vision Co., Ltd. All rights Reserved.
Description High Resolution Small IR Camera

SCO-2040R Datasheet (HTML) - Hanwha Vision Co., Ltd. All rights Reserved.


SCO-2040R Product details

• High resolution of 650TV lines
• Min. Illumination 0Lux (IR LED on), IR distance 25m
• Built-in 8mm fixed lens
• DNR, 12V DC, IP66 Grade




Similar Part No. - SCO-2040R

ManufacturerPart #DatasheetDescription
logo
Hanwha Vision Co., Ltd....
SCO-2080 HANWHAVISION-SCO-2080 Datasheet
334Kb / 2P
High Resolution Varifocal Lens Camera
SCO-2080R HANWHAVISION-SCO-2080R Datasheet
336Kb / 2P
1/3" High Resolution Varifocal Lens IR LED Camera
SCO-2080RH HANWHAVISION-SCO-2080RH Datasheet
267Kb / 2P
High Resolution Weatherproof IR Camera
SCO-2081R HANWHAVISION-SCO-2081R Datasheet
274Kb / 2P
Premium Resolution Weatherproof IR Camera
More results


Similar Description - SCO-2040R

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
UC5181 ETC-UC5181 Datasheet
73Kb / 1P
USB Camera Module SVGA Resolution
logo
PerkinElmer Optoelectro...
XQ1395 PERKINELMER-XQ1395 Datasheet
270Kb / 6P
1 High Resolution Resistron - Camera Tube
logo
STMicroelectronics
VL6522 STMICROELECTRONICS-VL6522 Datasheet
276Kb / 35P
VGA resolution USB2.0 web camera sensor
05-Jul-2007
logo
Hamamatsu Corporation
P11159-01AS HAMAMATSU-P11159-01AS Datasheet
221Kb / 4P
Small package and high resolution encoder module
P11159-201AS HAMAMATSU-P11159-201AS_15 Datasheet
162Kb / 4P
Small package and high resolution encoder module
logo
Level One
BOH-1401 LVL1-BOH-1401_16 Datasheet
506Kb / 3P
Camera PoE Outdoor Enclosure, IR LEDs
logo
Agilent(Hewlett-Packard...
ADCM-2650-0001 HP-ADCM-2650-0001 Datasheet
152Kb / 3P
Portrait VGA Resolution CMOS Camera Module
logo
OmniVision Technologies...
OH01A10 OMNIVISION-OH01A10 Datasheet
679Kb / 2P
highest resolution in small die size
logo
Honeywell Solid State E...
HBW4PER1V HONEYWELL-HBW4PER1V Datasheet
526Kb / 2P
Network WDR 4 MP IR Bullet Camera
HBW4PER2V HONEYWELL-HBW4PER2V Datasheet
710Kb / 2P
Network WDR 4MP IR Bullet Camera
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com