Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

H15 Datasheet (PDF) - SOVICO corp.

H15 Datasheet PDF - SOVICO corp.
Part # H15
Download  H15 Download
File Size   1018.2 Kbytes
Page   2 Pages
Manufacturer  SOVICO [SOVICO corp.]
Direct Link  http://sovico.co.kr/
Logo SOVICO - SOVICO corp.
Description Multi purposed Full-range

H15 Datasheet (PDF)

Go To PDF Page Download Datasheet
H15 Datasheet PDF - SOVICO corp.

Part # H15
Download  H15 Click to download

File Size   1018.2 Kbytes
Page   2 Pages
Manufacturer  SOVICO [SOVICO corp.]
Direct Link  http://sovico.co.kr/
Logo SOVICO - SOVICO corp.
Description Multi purposed Full-range

H15 Datasheet (HTML) - SOVICO corp.


H15 Product details

Key features
Full-range 2 way 15" Loudspeaker
중대형급 고정형 설치장소(교회, 강당, 클럽, 공연장)
Large size 공간의 메인 스피커
높은 음압을 요구하는 스포츠 홀, 운동장의 Main Speaker

Applications
중형공간에서의 BGM, Speech를 위한 다목적 스피커
중대형급 고정형 설치장소(교회, 강당, 클럽, 공연장)
Large size 공간의 메인 스피커
높은 음압을 요구하는 스포츠홀, 운동장의 Main Speaker




Similar Part No. - H15

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
H15 MCC-H15 Datasheet
108Kb / 4P
500 mW Zener Diode 1.7 to 37.2 Volts
logo
Power-One
H15 POWER-ONE-H15 Datasheet
262Kb / 9P
Cassette Style Mating Connectors
logo
Eaton All Rights Reserv...
H15 EATON-H15 Datasheet
305Kb / 2P
PCB fuse holders for 5 mm x 20 mm fuses
logo
Micro Commercial Compon...
H15-1 MCC-H15-1 Datasheet
108Kb / 4P
500 mW Zener Diode 1.7 to 37.2 Volts
H15-1 MCC-H15-1 Datasheet
465Kb / 5P
500 mW Zener Diode 1.9 to 37.2 Volts
More results


Similar Description - H15

ManufacturerPart #DatasheetDescription
logo
Altech corporation
PS-1515 ALTECH-PS-1515 Datasheet
330Kb / 2P
Universal AC input/Full range
logo
Silicon Laboratories
AN329 SILABS-AN329 Datasheet
115Kb / 4P
EXTENDING THE FULL-SCALE RANGE
logo
Mean Well Enterprises C...
DRA-40 MEANWELL-DRA-40 Datasheet
167Kb / 5P
UNIVERSAL AC INPUT/FULL RANGE
EDR-150 MEANWELL-EDR-150 Datasheet
571Kb / 4P
UNIVERSAL AC INPUT/FULL RANGE
IRM-03 MEANWELL-IRM-03 Datasheet
583Kb / 4P
UNIVERSAL AC INPUT/FULL RANGE
RCP-1U MEANWELL-RCP-1U Datasheet
232Kb / 6P
UNIVERSAL AC INPUT / FULL RANGE
RSP-1600 MEANWELL-RSP-1600 Datasheet
356Kb / 8P
UNIVERSAL AC INPUT/FULL RANGE
logo
Total Power Internation...
SP-150 TOTAL-POWER-SP-150 Datasheet
400Kb / 2P
Universal AC input / full range
logo
ETA-USA
ETJ02SX ETA-USA-ETJ02SX Datasheet
138Kb / 2P
RANGE: Full input Range 85 to 264 VAC.
logo
Microchip Technology
PAC194X MICROCHIP-PAC194X Datasheet
1Mb / 96P
Single/Multi-Channel Power Monitor with Accumulator, 9V Full-Scale Range
Revision A June 2021
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com