Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SCU-9080 Datasheet (PDF) - Hanwha Vision Co., Ltd. All rights Reserved.

SCU-9080 Datasheet PDF - Hanwha Vision Co., Ltd. All rights Reserved.
Part # SCU-9080
Download  SCU-9080 Download
File Size   291.42 Kbytes
Page   2 Pages
Manufacturer  HANWHAVISION [Hanwha Vision Co., Ltd. All rights Reserved.]
Direct Link  https://www.hanwhavision.com/en/
Logo HANWHAVISION - Hanwha Vision Co., Ltd. All rights Reserved.
Description Wehtherproof Thermal Positioning Camera

SCU-9080 Datasheet (PDF)

Go To PDF Page Download Datasheet
SCU-9080 Datasheet PDF - Hanwha Vision Co., Ltd. All rights Reserved.

Part # SCU-9080
Download  SCU-9080 Click to download

File Size   291.42 Kbytes
Page   2 Pages
Manufacturer  HANWHAVISION [Hanwha Vision Co., Ltd. All rights Reserved.]
Direct Link  https://www.hanwhavision.com/en/
Logo HANWHAVISION - Hanwha Vision Co., Ltd. All rights Reserved.
Description Wehtherproof Thermal Positioning Camera

SCU-9080 Datasheet (HTML) - Hanwha Vision Co., Ltd. All rights Reserved.


SCU-9080 Product details

• Outstanding 1.2km detection without lighting
• Min. discernable temperature of 0.08°C
• Built-in 50mm, 0.47mrad. Color pattern
• Event alarm, Multi-language OSD
• COAX & RS-485, IP66, 24V AC




Similar Part No. - SCU-9080

ManufacturerPart #DatasheetDescription
logo
Hanwha Vision Co., Ltd....
SCU-9051 HANWHAVISION-SCU-9051 Datasheet
290Kb / 2P
Weatherproof Thermal Positioning System
More results


Similar Description - SCU-9080

ManufacturerPart #DatasheetDescription
logo
Testo SE & Co. KGaA
TESTO882 TESTO-TESTO882 Datasheet
306Kb / 2P
Thermal Camera
logo
List of Unclassifed Man...
TG130 ETC1-TG130 Datasheet
1Mb / 2P
Spot Thermal Camera
logo
Pepperl+Fuchs Inc.
PMI14V-F112-2EPE2-IO-V15 PF-PMI14V-F112-2EPE2-IO-V15 Datasheet
893Kb / 6P
Inductive positioning system
PMI14V-F112-2EP-IO-V31 PF-PMI14V-F112-2EP-IO-V31 Datasheet
935Kb / 6P
Inductive positioning system
PMI14V-F166-2E2 PF-PMI14V-F166-2E2 Datasheet
766Kb / 4P
Inductive positioning system
PMI120-F90-3EP-IO-V15 PF-PMI120-F90-3EP-IO-V15 Datasheet
757Kb / 5P
Inductive positioning system
PMI210-F110-IU-V1 PF-PMI210-F110-IU-V1 Datasheet
846Kb / 5P
Inductive positioning system
CUBE800EUR PF-CUBE800EUR Datasheet
1Mb / 2P
Intrinsically safe wearable camera and thermal imaging camera
CUBE800NAM PF-CUBE800NAM Datasheet
1Mb / 2P
Intrinsically safe wearable camera and thermal imaging camera
logo
List of Unclassifed Man...
SEN0158 ETC-SEN0158 Datasheet
109Kb / 2P
Data Sheet of IR Positioning Camera For Arduino
2017/5/5
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com